Electronic Components Datasheet Search
  English  ▼

X  

MP8904 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8904
Description  500mA Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8904 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP8904 Datasheet HTML 2Page - Monolithic Power Systems MP8904 Datasheet HTML 3Page - Monolithic Power Systems MP8904 Datasheet HTML 4Page - Monolithic Power Systems MP8904 Datasheet HTML 5Page - Monolithic Power Systems MP8904 Datasheet HTML 6Page - Monolithic Power Systems MP8904 Datasheet HTML 7Page - Monolithic Power Systems MP8904 Datasheet HTML 8Page - Monolithic Power Systems MP8904 Datasheet HTML 9Page - Monolithic Power Systems MP8904 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP8904 –500mA LINEAR REGULATOR
MP8904 Rev. 1.02
www.MonolithicPower.com
8
6/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The MP8904 has an adjustable output voltage
set via an external resistor divider (R1 and R2
in Figure 2).


FB
FB
OUT
V
V
V
2
R
1
R
where VFB = 0.5V is the OUT feedback
threshold voltage.
Example: For a 2.5V output and R2=10kΩ
k
40
5
.
0
5
.
0
5
.
2
k
10
1
R
Use a standard 40kΩ (
1%) resistor for R1.
Table 1 lists selected R1 values for typical
output voltages (R2 = 10kΩ).
Power-Good
The power-good (PG) pin monitors the output
voltage; if the output voltage goes below 10% of
its regulation point, the PG pin goes low. The
PG pin is an open collector output that connects
to a pull-up resistor (typically 10kΩ). Tie the
pull-up resistor to 0V-to-5.5V supply, such as
regulated input voltage.
Table 1: Adjustable Output Voltage Values vs. R1
(R2 =10kΩ)
VOUT (V)
R1 (Ω)
1.25
15k
1.5
20k
1.8
26k
2
30k
2.5
40k
2.8
46k
3
50k
3.3
56k
4
70k
5
90k
Bypass Capacitors
Bypass the reference voltage can be bypassed
with an external capacitor to reduce noise. Use
a low-ESR ceramic capacitor for the best
performance.
TYPICAL APPLICATION CIRCUIT
MP8904
OUT
FB
GND
8
5
3
1
4
6
IN
EN
PG
1.8V
C3
1nF
VIN
PG
Figure 2: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com