Electronic Components Datasheet Search
  English  ▼

X  

MP8904DD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8904DD
Description  500mA Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8904DD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8904DD Datasheet HTML 1Page - Monolithic Power Systems MP8904DD Datasheet HTML 2Page - Monolithic Power Systems MP8904DD Datasheet HTML 3Page - Monolithic Power Systems MP8904DD Datasheet HTML 4Page - Monolithic Power Systems MP8904DD Datasheet HTML 5Page - Monolithic Power Systems MP8904DD Datasheet HTML 6Page - Monolithic Power Systems MP8904DD Datasheet HTML 7Page - Monolithic Power Systems MP8904DD Datasheet HTML 8Page - Monolithic Power Systems MP8904DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP8904 –500mA LINEAR REGULATOR
MP8904 Rev. 1.02
www.MonolithicPower.com
3
6/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.3V, VOUT = 1.2V, COUT = 4.7µF, CIN = 2.2µF, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
(4)
Max
Units
Operating Voltage
IOUT = 1mA
2.5
6.5
V
IOUT = 1mA
(6)
100
µA
Ground Pin Current
IOUT = 500mA
5
mA
Shutdown Current
VEN = 1.45V, VIN = 5V
7
µA
0.484
0.496
0.508
FB Regulation Voltage
-40°C
 TA  +85°C
0.481
0.496
0.510
V
Dropout Voltage
(7)
IOUT = 500mA
300
mV
Line Regulation
IOUT
=
1mA,
VIN = (VOUT + 0.5V) to 6.5V
(7)
0.005
%/V
Load Regulation
IOUT = 1mA to 500mA,
VIN = VOUT + 0.5V
0.001
%/mA
Power-Good Output Voltage,
Low
(8)
VOL
Isink = 0.5mA
0.5
V
EN Input, High
1.2
V
EN Input, Low
0.4
V
EN Input Bias Current
VEN = 1.5V, 5V
0.01
1
μA
Thermal Protection
155
°C
Current Limit
550
730
mA
Notes:
5) Parameter is guaranteed by design, not production tested.
6) Resistors for VOUT measurement are 10kΩ, 14kΩ, 1%
7) The ground current does not include current through feedback current
8) Dropout Voltage is defined as the input to output differential when the output voltage drops 1% below its nominal value
9) VFEEDBACK is 90% of the regulated value with 10kΩ pull-up to 5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com