Electronic Components Datasheet Search
  English  ▼

X  

MP8904DD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8904DD
Description  500mA Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8904DD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8904DD Datasheet HTML 1Page - Monolithic Power Systems MP8904DD Datasheet HTML 2Page - Monolithic Power Systems MP8904DD Datasheet HTML 3Page - Monolithic Power Systems MP8904DD Datasheet HTML 4Page - Monolithic Power Systems MP8904DD Datasheet HTML 5Page - Monolithic Power Systems MP8904DD Datasheet HTML 6Page - Monolithic Power Systems MP8904DD Datasheet HTML 7Page - Monolithic Power Systems MP8904DD Datasheet HTML 8Page - Monolithic Power Systems MP8904DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP8904
500mA Linear Regulator
MP8904 Rev. 1.02
www.MonolithicPower.com
1
6/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8904 is a low-current, low-dropout,
linear regulator that operates on a single 2.5V-
to-6.5V input supply. An external resistor
controls the output voltage. The MP8904 can
supply up to 500mA of load current. The enable
pin (EN) allows the part to enter a low-current
shutdown mode (EN=0). The MP8904 features
thermal overload and current limit protection. It
is available in an 8-pin QFN (2×3mm) package.
FEATURES
 Power-Good Open Collector Output
 Operates from a 2.5V-to-6.5V Input
 Low 300mV Dropout at 500mA Output
 Stable with Very Small Ceramic Capacitors
 2% Feedback Reference
 Adjustable Output Voltage from 0.5V to 5V
 Better than 0.001%/mA Load Regulation
 Stable with Low-ESR Output Capacitor
 Low 100μA Ground Current
 Internal Thermal Protection
 Current Limit Protection
 6µA Typical Quiescent Current at Shutdown
APPLICATIONS
 Low-Current Regulators
 Battery-Powered Systems
 Mobile Devices, such as Cell Phones and
GPS Navigators
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP8904
OUT
FB
GND
8
5
3
1
4
6
IN
EN
PG
VOUT
R1
R2
VIN
Power Good
5V


Similar Part No. - MP8904DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8904 MPS-MP8904 Datasheet
226Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
More results

Similar Description - MP8904DD

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
500mA LDO Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
500mA Low-Dropout Linear Regulator
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
500mA Low Dropout Linear Regulator
logo
Union Semiconductor, In...
UM1770 UNIONSEMI-UM1770 Datasheet
847Kb / 13P
500mA, Micropower, VLDO Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
500mA Low Dropout Linear Regulator
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
500mA, Micropower, VLDO Linear Regulator
VER 1.2
logo
Nuvoton Technology Corp...
NCT3705U NUVOTON-NCT3705U Datasheet
376Kb / 23P
500mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com