Electronic Components Datasheet Search
  English  ▼

X  

MP8904DD Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8904DD
Description  500mA Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8904DD Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8904DD Datasheet HTML 1Page - Monolithic Power Systems MP8904DD Datasheet HTML 2Page - Monolithic Power Systems MP8904DD Datasheet HTML 3Page - Monolithic Power Systems MP8904DD Datasheet HTML 4Page - Monolithic Power Systems MP8904DD Datasheet HTML 5Page - Monolithic Power Systems MP8904DD Datasheet HTML 6Page - Monolithic Power Systems MP8904DD Datasheet HTML 7Page - Monolithic Power Systems MP8904DD Datasheet HTML 8Page - Monolithic Power Systems MP8904DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP8904 –500mA LINEAR REGULATOR
MP8904 Rev. 1.02
www.MonolithicPower.com
5
6/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C1=2.2μF, C2 =4.7μF, C3=1nF, TA = +25°C, unless otherwise noted.
VO
50mV/div.
VIN
0.5V/div.
2 ms/div.
Line Transient
VIN = 2.5V to 3.5V, VO = 1.8V, VEN= VIN,
ILOAD = 50mA, with Resisitor Load
VO
100mV/div.
ILOAD
0.2A/div.
400
μ s/div.
Load Transient
VIN = 2.5V, VO = 1.8V, VEN= VIN,
ILOAD = 50 to 300mA, with Resistor Load
VO
1V/div.
VEN
1V/div.
ILOAD
0.1A/div.
100
μ s/div.
VIN = 3.3V, VO = 1.8V,VEN = 0V - 2V,
IO = 200mA, with Resisitor Load
VIN = 3.3V, VO = 1.8V,VEN = 2V - 0V,
IO = 200mA, with Resisitor Load
EN
2V/div.
VO
0.5V/div.
ILOAD
0.2A/div.
1ms/div.
90
80
70
60
50
40
30
20
10
0
PSRR vs Frequency
Enable Turn On
Enable Turn Off
-50
-20
10
40
70
100
0.1
1.0
10
100
1000
10000
TEMPERATURE (C)
VFB vs Temperature
VIN=2.5V, VEN=VIN, ILOAD=1mA
10
9
8
7
6
5
495.0
494.5
494.0
493.5
493.0
492.5
492.0
1
2
3
4
5
6
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
FREQUENCY (Hz)
170
160
150
140
130
120
1
2
3
4
5
6
Supply Current vs.
Input Voltage
Shut Down Current
vs. Input Voltage
VIN
2V/div.
PG
5V/div.
VO
1/div.
ILOAD
0.5/div.
400
μ s/div.
Thermal Protection
VIN = VEN = 5V,
VO = 1.8V, ILOAD = 0.5A
VPG
0.2A/div.
VPG
0.2A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com