Electronic Components Datasheet Search
  English  ▼

X  

MP20041 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP20041
Description  Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20041 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP20041 Datasheet HTML 1Page - Monolithic Power Systems MP20041 Datasheet HTML 2Page - Monolithic Power Systems MP20041 Datasheet HTML 3Page - Monolithic Power Systems MP20041 Datasheet HTML 4Page - Monolithic Power Systems MP20041 Datasheet HTML 5Page - Monolithic Power Systems MP20041 Datasheet HTML 6Page - Monolithic Power Systems MP20041 Datasheet HTML 7Page - Monolithic Power Systems MP20041 Datasheet HTML 8Page - Monolithic Power Systems MP20041 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP20041-DUAL, ULTRA LOW NOISE, HIGH PSRR, 300mA LINEAR REGULATOR
MP20041 Rev. 1.0
www.MonolithicPower.com
2
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION*
Part Number
VOUT1
VOUT2
Package
Free Air Temperature (TA)
Top Marking
MP20041DGT-GJ-LF-Z
1.8V
2.5V
5H
MP20041DGT-MG-LF-Z
2.8V
1.8V
7K
MP20041DGT-SS-LF-Z
3.3V
3.3V
9P
MP20041DGT-SL-LF-Z
3.3V
2.7V
8P
MP20041DGT-MS-LF-Z
2.8V
3.3V
7P
MP20041DGT-PP-LF-Z
3.0V
3.0V
6P
MP20041DGT-JS-LF-Z
2.5V
3.3V
7S
MP20041DGT-GS-LF-Z
1.8V
3.3V
6S
MP20041DGT-GB-LF-Z
1.8V
1.3V
8U
MP20041DGT-GC-LF-Z
1.8V
1.2V
TQFN8
(2mmx2mm)
-40°C to +85°C
8R
* Other output voltage versions between 1.2V and 3.3V are available in 100mV increments. Contact factory for availability.
ORDERING GUIDE**
4
**
For RoHS Compliant Packaging, add suffix - LF (e.g. MP20041DGT-
-LF); For Tape and Reel, add suffix -Z (e.g. MP20041DGT-
-
LF-Z).
OUTPUT VOLTAGE SELECTOR GUIDE***
Code
VOUT
Code
VOUT
C
1.2
T
2.65
B
1.3
L
2.7
F
1.5
M
2.8
W
1.6
N
2.85
G
1.8
V
2.9
D
1.85
P
3.0
Y
1.9
Q
3.1
H
2.0
X
3.15
E
2.1
R
3.2
J
2.5
S
3.3
K
2.6
Z
5.0
*** Code in Bold are standard versions. For other output
voltages between 1.2V and 5.0V contact factory for availability.
Minimum order quantity on non-standard versions is 25,000
units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com