Electronic Components Datasheet Search
  English  ▼

X  

MP20041 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP20041
Description  Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20041 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP20041 Datasheet HTML 1Page - Monolithic Power Systems MP20041 Datasheet HTML 2Page - Monolithic Power Systems MP20041 Datasheet HTML 3Page - Monolithic Power Systems MP20041 Datasheet HTML 4Page - Monolithic Power Systems MP20041 Datasheet HTML 5Page - Monolithic Power Systems MP20041 Datasheet HTML 6Page - Monolithic Power Systems MP20041 Datasheet HTML 7Page - Monolithic Power Systems MP20041 Datasheet HTML 8Page - Monolithic Power Systems MP20041 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP20041
Dual, Ultra Low Noise, High PSRR
300mA Linear Regulator
MP20041 Rev. 1.0
www.MonolithicPower.com
1
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP20041 is a dual-channel, micropower,
ultra low noise, low dropout and high PSRR
linear regulator. The output voltage of MP20041
ranges from 1.2V to 3.6V in 100mV increments
and 1% accuracy by operating from a +2.5V to
+6.0V input. The MP20041 can supply up to
300mA of load current at each channel.
The MP20041 uses an internal PMOS as the
pass element, which consumes 114μA supply
current (both LDOs on) at no load condition.
The EN1 and EN2 pins control each output
respectively. When both channels shutdown
simultaneously, the chip will be turned off and
consume nearly zero operation current which is
suitable
for
battery-power
devices.
The
MP20041 features current limit and over
temperature protection.
It is available in a 2mm x 2mm TQFN8 package.
FEATURES
• Wide Operating Voltage Ranges: 2.5V to 6V
• Two LDOs in a 2mmx2mm TQFN8 Package
• Up to 300mA Output Current (Per Channel)
• Dual Enable Pins Control Each Output
• 72dB PSRR at 10kHz
• 11μVRMS Ultra Low Noise Output with No
Noise Bypass Capacitor Required
• 73mV Dropout at 100mA Load
• Very Fast Line/Load Transient Responses
with Small Input/Output Capacitor
• Current Limit and Thermal Protection
APPLICATIONS
• Cellular Phones
• Battery-powered Equipment
• Laptop, Notebook, and Palmtop Computers
• Hand-held Equipment
• Wireless LAN
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
GND
IN
EN2
EN1
OUT2
CIN
COUT1
COUT2
MP20041
OUT1
EN2
EN1
IN
OUT2
OUT1


Similar Part No. - MP20041

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
415Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
7/15/2019 Rev. 1.2
MP20041DGT-GJ-LF-P MPS-MP20041DGT-GJ-LF-P Datasheet
415Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
7/15/2019 Rev. 1.2
MP20041DGT-GJ-LF-Z MPS-MP20041DGT-GJ-LF-Z Datasheet
415Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
7/15/2019 Rev. 1.2
MP20041DGT-MG-LF-Z MPS-MP20041DGT-MG-LF-Z Datasheet
415Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
7/15/2019 Rev. 1.2
MP20041DGT-PP-LF-Z MPS-MP20041DGT-PP-LF-Z Datasheet
415Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
7/15/2019 Rev. 1.2
More results

Similar Description - MP20041

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
ACE Technology Co., LTD...
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
Dual 300mA High PSRR Linear Regulator
VER 1.5
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
First Silicon Co., Ltd
FC8130 FS-FC8130 Datasheet
1Mb / 16P
Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com