Electronic Components Datasheet Search
  English  ▼

X  

MP20041 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP20041
Description  Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20041 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP20041 Datasheet HTML 1Page - Monolithic Power Systems MP20041 Datasheet HTML 2Page - Monolithic Power Systems MP20041 Datasheet HTML 3Page - Monolithic Power Systems MP20041 Datasheet HTML 4Page - Monolithic Power Systems MP20041 Datasheet HTML 5Page - Monolithic Power Systems MP20041 Datasheet HTML 6Page - Monolithic Power Systems MP20041 Datasheet HTML 7Page - Monolithic Power Systems MP20041 Datasheet HTML 8Page - Monolithic Power Systems MP20041 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP20041-DUAL, ULTRA LOW NOISE, HIGH PSRR, 300mA LINEAR REGULATOR
MP20041 Rev. 1.0
www.MonolithicPower.com
4
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN=3.5V, VOUT1=1.8V, VOUT2=2.5V, CIN=COUT1=COUT2=1uF, EN1=EN2=VIN, Typical Value at TA=25°C
for each LDO unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Voltage
VIN
VIN=2.5V to 6.0V
2.5
6
V
Output Voltage Range
VOUT
1.2
3.6
V
Load regulation
(5)
ΔVOUT
ILOAD = 1mA to 300mA
-35
-10
5
mV
Line Regulation
(6)
∆VLINE
VIN =(VOUT+0.3V or 2.5V)
to 6V, IOUT=1mA
0.05
%/V
Maximum Output Current
IMAX
Continuous
300
mA
Current Limit
ILIM
Short circuit current limit
525
mA
Quiescent Current
IG
No Load
114
uA
VOUT1=1.8V, IOUT1 = 100mA
75
mV
VDROP1
VOUT1=1.8V, IOUT1 = 300mA
220
mV
VOUT2=2.5V, IOUT2 = 100mA
60
mV
Dropout Voltage
(7)
VDROP2
VOUT2=2.5V, IOUT2 = 300mA
180
mV
EN Input High Threshold
VIH
VIN = 2.5V to 6.0V
1.6
V
EN Input Low Threshold
VIL
VIN = 2.5V to 6.0V
0.45
V
EN Input Bias Current
ISD
EN = GND or VIN
300
nA
Shutdown Supply Current
IGSD
EN1 = EN2 = GND
0.03
1
uA
Thermal Shutdown Temperature
TSD
140
°C
Thermal Shutdown Hysteresis
ΔTSD
10
°C
100Hz to 100kHz,
COUT=1μF, ILOAD=10mA
11
μVRMS
Output Voltage Noise
100Hz to 100kHz,
COUT=1μF, ILOAD=100mA
11
μVRMS
f=100Hz
68
dB
f=1kHz
66
dB
ILoad=10mA
f=10kHz
65
dB
f=100Hz
69
dB
f=1kHz
65
dB
Output Voltage AC PSRR
PSRR
ILoad=150mA
f=10kHz
72
dB
Notes:
5) Load Regulation=
()
OUT(MAX )
OUT (MIN)
OUTI
OUTI
OUT NOM
VV
100(%)
V
⎡⎤
⎡
⎤
⎣⎦
⎣
⎦
−
×
6) Line Regulation=
()
IN(MAX )
IN(MIN)
OUT V
OUT V
IN(MIN)
OUT(NOM)
IN MAX
VV
100(% / V)
VV
V
⎡⎤
⎡
⎤
⎣⎦
⎣
⎦
−
×
⎡⎤
−×
⎣⎦
7) Dropout Voltage is defined as the input to output differential when the output voltage drops 100mV below its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com