Electronic Components Datasheet Search
  English  ▼

X  

MP20045 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP20045
Description  Low Noise, 1A Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20045 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP20045 Datasheet HTML 1Page - Monolithic Power Systems MP20045 Datasheet HTML 2Page - Monolithic Power Systems MP20045 Datasheet HTML 3Page - Monolithic Power Systems MP20045 Datasheet HTML 4Page - Monolithic Power Systems MP20045 Datasheet HTML 5Page - Monolithic Power Systems MP20045 Datasheet HTML 6Page - Monolithic Power Systems MP20045 Datasheet HTML 7Page - Monolithic Power Systems MP20045 Datasheet HTML 8Page - Monolithic Power Systems MP20045 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP20045 – LOWER NOISE, 1A LINEAR REGULATOR
MP20045 Rev. 1.0
www.MonolithicPower.com
2
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Output Voltage
Package
Top Marking
Free Air Temperature (TA)
MP20045DQ**
Adjustable
QFN8 (3mm x 3mm)
8K
MP20045DQ-15**
1.5V
QFN8 (3mm x 3mm)
2V
MP20045DQ-18**
1.8V
QFN8 (3mm x 3mm)
3V
MP20045DQ-25**
2.5V
QFN8 (3mm x 3mm)
9Z
MP20045DQ-33**
3.3V
QFN8 (3mm x 3mm)
2S
MP20045DN**
Adjustable
SOIC8E
M20045DN
MP20045DN-15**
1.5V
SOIC8E
20045-15
MP20045DN-18**
1.8V
SOIC8E
20045-18
MP20045DN-25**
2.5V
SOIC8E
20045-25
MP20045DN-33**
3.3V
SOIC8E
20045-33
-40
°C to +85°C
* For fixed output voltage versions between 1.5V and 5V, add suffix –XX (e.g. MP20045DQ-33, MP20045DN-33
are the 3.3V fixed output). Contact factory for availability.
** For Tape & Reel, add suffix –Z (e.g. MP20045DQ–Z, MP20045DN–Z);
For RoHS compliant packaging, add suffix –LF (e.g. MP20045DQ–LF–Z, MP20045DN–LF–Z).
PACKAGE REFERENCE
TOP VIEW
VIN
VIN
VOUT
VOUT
1
2
3
4
EN
PG
GND
FB
8
7
6
5
VOUT
VOUT
FB
GND
VIN
VIN
EN
PG
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
QFN8 (3mm x 3mm)
SOIC8E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com