Electronic Components Datasheet Search
  English  ▼

X  

MP20045 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP20045
Description  Low Noise, 1A Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20045 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP20045 Datasheet HTML 1Page - Monolithic Power Systems MP20045 Datasheet HTML 2Page - Monolithic Power Systems MP20045 Datasheet HTML 3Page - Monolithic Power Systems MP20045 Datasheet HTML 4Page - Monolithic Power Systems MP20045 Datasheet HTML 5Page - Monolithic Power Systems MP20045 Datasheet HTML 6Page - Monolithic Power Systems MP20045 Datasheet HTML 7Page - Monolithic Power Systems MP20045 Datasheet HTML 8Page - Monolithic Power Systems MP20045 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP20045 – LOWER NOISE, 1A LINEAR REGULATOR
MP20045 Rev. 1.0
www.MonolithicPower.com
5
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN DESCRIPTION
QFN8 (3X3)
Pin #
SOIC8E
Pin #
Name
Description
1, 2
7, 8
VIN
Regulator Input. Supply voltage ranges from +2.5V to 5.5V. Bypass with
2.2µF capacitor. These pins must be externally connected for proper
operation even if they are internally connected.
3, 4
1, 2
VOUT
Regulator output. Bypass with a 2.2µF low-ESR capacitor to GND.
Connect all the pin together externally.
5
3
FB
Feedback Input.
For the adjustable output version, connect FB to the center point of the
external resistor divider. The feedback threshold voltage is 1.5V.
For the fixed output version, connect FB to the output directly.
6
4
GND
Expose
d pad
Ground. Connect exposed pad to GND plane for optimal thermal
performance.
7
5
PG
Open-drain power-good (PG) output.
8
6
EN
Positive polarity enable (EN) input. Regulator Enable Control Input. Drive
EN above 1.5V to turn on the MP20045. Drive EN below 0.4V to turn it off.
Do not float the EN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com