Electronic Components Datasheet Search
  English  ▼

X  

MP20045 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP20045
Description  Low Noise, 1A Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20045 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP20045 Datasheet HTML 5Page - Monolithic Power Systems MP20045 Datasheet HTML 6Page - Monolithic Power Systems MP20045 Datasheet HTML 7Page - Monolithic Power Systems MP20045 Datasheet HTML 8Page - Monolithic Power Systems MP20045 Datasheet HTML 9Page - Monolithic Power Systems MP20045 Datasheet HTML 10Page - Monolithic Power Systems MP20045 Datasheet HTML 11Page - Monolithic Power Systems MP20045 Datasheet HTML 12Page - Monolithic Power Systems MP20045 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP20045 – LOWER NOISE, 1A LINEAR REGULATOR
MP20045 Rev. 1.0
www.MonolithicPower.com
10
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
BLOCK DIAGRA
Figure 1—Block Diagram of Super Low Dropout Regulation
OPERATION
The MP20045 is a low-dropout linear regulator
supplies up to 1A current. It is intended for use
in devices that require very low voltage, low
quiescent, low noise and high PSRR such as
wireless LAN, battery powered equipment and
hand-held equipment.
The MP20045 uses an internal PMOS as the
pass element and features internal thermal
shutdown and internal current limit circuit.
Dropout Voltage
Dropout voltage is the minimum input to output
differential voltage required for the regulator to
maintain an output voltage within 100mV of its
nominal value. Because the PMOS pass
element behaves as a low-value resistor, the
dropout voltage of MP20045 is very low.
Shutdown
The MP20045 can be switched ON or OFF by a
logic input at the EN pin. A high voltage at this
pin will turn the device on. When the EN pin is
low, the regulator output is off. The EN pin
should be tied to VIN to keep the regulator
output always on if the application does not
require the shutdown feature. Do not float the
EN pin.
Current Limit
The MP20045 includes a current limit structures
which monitor and control PMOS’s gate voltage
limiting the guaranteed maximum output current
to 1.2A.
Thermal Protection
Thermal protection turns off the PMOS when
the junction temperature exceeds +150ºC,
allowing the IC to cool. When the IC’s junction
temperature drops by 20ºC, the PMOS will be
turned on again. Thermal protection limits total
power dissipation in the MP20045. For reliable
operation, junction temperature should be
limited to 125 ºC maximum.
Load-Transient Considerations
The output response of load-transient consists
of a DC shift and transient response. Because
of the excellent load regulation of MP20045, the
DC shift is very small. The output voltage
transient depends on the output capacitor’s
value and the ESR. Increasing the capacitance
and decreasing the ESR will improve the
transient response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com