Electronic Components Datasheet Search
  English  ▼

X  

MP20048 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP20048
Description  Capacitor-Free, 250mA, Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20048 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP20048 Datasheet HTML 1Page - Monolithic Power Systems MP20048 Datasheet HTML 2Page - Monolithic Power Systems MP20048 Datasheet HTML 3Page - Monolithic Power Systems MP20048 Datasheet HTML 4Page - Monolithic Power Systems MP20048 Datasheet HTML 5Page - Monolithic Power Systems MP20048 Datasheet HTML 6Page - Monolithic Power Systems MP20048 Datasheet HTML 7Page - Monolithic Power Systems MP20048 Datasheet HTML 8Page - Monolithic Power Systems MP20048 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP20048 – CAPACITOR-FREE, 250mA, LOW DROPOUT VOLTAGE REGULATOR
MP20048 Rev. 0.91
www.MonolithicPower.com
2
4/6/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP20048DJ
TSOT23-5
3B
–40
°C to +85°C
*For Tape & Reel, add suffix –Z (eg. MP20048DJ-Z)
For Lead Free, add suffix –LF (eg.MP20048DJ–LF–Z)
PACKAGE REFERENCE
IN
GND
EN
OUT
FB
ABSOLUTE MAXIMUM RATINGS (1)
Supply Input Voltage .................................... 6V
Power Dissipation, PD @ TA =25°C
(2)
................................................................. 0.45W
Operating Junct. Temp (TJ) ....... -40°C to 125°C
Storage Temperature Range ..... -65°C to 150°C
Lead Temperature (Soldering, 10sec) .....260°C
ESD Susceptibility
(3)
HBM (Human Body Mode) .......................... 2kV
MM (Machine Mode) .................................. 500V
Recommended Operating Conditions
(4)
Supply Input Voltage.......................1.7V to 5.5V
Enable Input Voltage .........................0V to 5.5V
Junction Temperature ............................+125
°C
Thermal Resistance
(5)
θJA
θJC
TSOT23-5.............................. 220 .... 110. .
°C/W
Notes:
1) Exceeding these ratings may cause permanent damage to
the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX),
the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) Devices
are
ESD
sensitive.
Handling
precaution
recommended.
4) The device is not guaranteed to function outside its operating
conditions.
5) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com