Electronic Components Datasheet Search
  English  ▼

X  

MP20048 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP20048
Description  Capacitor-Free, 250mA, Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20048 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP20048 Datasheet HTML 2Page - Monolithic Power Systems MP20048 Datasheet HTML 3Page - Monolithic Power Systems MP20048 Datasheet HTML 4Page - Monolithic Power Systems MP20048 Datasheet HTML 5Page - Monolithic Power Systems MP20048 Datasheet HTML 6Page - Monolithic Power Systems MP20048 Datasheet HTML 7Page - Monolithic Power Systems MP20048 Datasheet HTML 8Page - Monolithic Power Systems MP20048 Datasheet HTML 9Page - Monolithic Power Systems MP20048 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP20048 – CAPACITOR-FREE, 250mA, LOW DROPOUT VOLTAGE REGULATOR
MP20048 Rev. 0.91
www.MonolithicPower.com
7
4/6/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS(continued)
VIN=3V, VOUT=2.5V, VEN=1.7V, C1=1uF,C2=0.1uF, no C3,TA=25
oC, unless otherwise noted.
VIN
1V/div.
VOUT
1V/div.
IOUT
200mA/div.
VIN
1V/div.
VOUT
1V/div.
IOUT
200mA/div.
VIN
2V/div.
VOUT
2V/div.
IOUT
200mA/div.
VIN
2V/div.
VOUT
2V/div.
IOUT
200mA/div.
VIN
1V/div.
VOUT
1V/div.
IOUT
200mA/div.
VEN
1V/div.
VOUT
1V/div.
IOUT
200mA/div.
VEN
1V/div.
VOUT
2V/div.
VIN
1V/div.
VOUT/AC
100mV/div.
IOUT
200mA/div.
VOUT/AC
500mV/div.
IOUT
200mA/div.
2ms/div.
2ms/div.
40us/div.
2us/div.
MP####-TPC##
200us/div.
40us/div.
1s/div.
40ms/div.
200ms/div.
Input Power Start Up
with Resistive Load
IOUT=250mA
EN Start Up
with Resistive Load
IOUT=250mA
EN Shut Down
with Resistive Load
IOUT=250mA
Input Power Shut Down
with Resistive Load
IOUT=250mA
Line Transient
with Resistive Load
VIN=3.5V-4.5V, VOUT=2.50V,
C1=0, IOUT=250mA
Load Transient
with Resistive Load
IOUT=10mA-250mA
Over Current Protection
Entry
Over Current Protection
Steady State
Over Current Protection
Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com