Electronic Components Datasheet Search
  English  ▼

X  

MP20048 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP20048
Description  Capacitor-Free, 250mA, Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20048 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP20048 Datasheet HTML 1Page - Monolithic Power Systems MP20048 Datasheet HTML 2Page - Monolithic Power Systems MP20048 Datasheet HTML 3Page - Monolithic Power Systems MP20048 Datasheet HTML 4Page - Monolithic Power Systems MP20048 Datasheet HTML 5Page - Monolithic Power Systems MP20048 Datasheet HTML 6Page - Monolithic Power Systems MP20048 Datasheet HTML 7Page - Monolithic Power Systems MP20048 Datasheet HTML 8Page - Monolithic Power Systems MP20048 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP20048 – CAPACITOR-FREE, 250mA, LOW DROPOUT VOLTAGE REGULATOR
MP20048 Rev. 0.91
www.MonolithicPower.com
3
4/6/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (6)
VIN = VOUT(nom)+0.5V
(6), VOUT=2.5V, VEN=1.7V, C2=0.1μF, TA = 25°C, unless otherwise noted.
Parameters
Test Condition
Min
Typ
Max
Unit
VIN
Input voltage range
(6)
1.7
5.5
V
Internal reference
1.221
1.234
1.247
V
VFB
Accuracy
TA=25℃
-1.0
+1.0
%
VOUT
Output voltage range
(7)
VFB
5.5-
ZO(DO)*
IOUT
V
ΔVOUT%/ΔVI
N
Line regulation
(8)
1.7V≤VIN≤5.5V
0.01
%/V
ΔVOUT%/ΔIO
UT
Load regulation
(9)
1mA≤IOUT≤250mA
0.0005
%/mA
VDO
Dropout Voltage
(10)
IOUT=250mA
62.5
mV
ZO(DO)
Output impedance in
dropout
1.7V≤VIN≤5.5V
0.25
Ω
ICL
Output current limit
VOUT=0.9×VOUT(nom)
270
450
mA
ISC
Short-circuit current
VOUT=0V
430
mA
IOUT=10mA
350
μA
IGND
Ground pin current
IOUT=100mA
500
800
μA
ISHDN
Shutdown
current
(IGND)
VEN≤0.5V,VOUT≤VIN≤5.5V
0.01
1
μA
ILEAK
Output leakage
VEN≤0.5V,VOUT≤VIN≤5.5V
-40℃≤TJ≤+125℃
6.5
μA
f=100Hz
48
PSRR
Power-supply rejection
ratio
(ripple rejection)
IOUT=250mA
f=10kHz
23
dB
C2=10μF,No C3
48
VN
Output noise voltage
BW=10Hz—100kHz
C2=10μF, C3=0.01μF
37
μVRMS
tSTR
Startup time
VOUT=2.5V, RL=25Ω,C2=1μF
0.5
ms
VEN(HI)
Enable high (enabled)
1.7
VIN
V
VEN(LO)
Enable low (shutdown)
0
0.5
V
Shutdown Temp increasing
+140
℃
TSD
Thermal
shutdown
temperature
Reset Temp decreasing
+130
℃
TJ
Operating
junction
temperature
125
℃
Notes:
6) Minimum VIN=VOUT+VDO or 1.7V
7) This version is tested at VOUT=2.5V
8)
100(%/V)
V
]
V
[V
V
V
Regulation
Line
OUT(NOM)
IN(MIN)
IN(MAX)
]
OUT[V
]
OUT[V
IN(MIN)
IN(MAX)
×
×
−
−
=
9)
100(%)
V
V
V
Regulation
Load
OUT(NOM)
]
OUT[I
]
OUT[I
OUT(MIN)
OUT(MAX)
×
−
=
10) Dropout voltage is defined as the input to output differential when the output voltage drops 100mV below its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com