Electronic Components Datasheet Search
  English  ▼

X  

AX125 Datasheet(PDF) 108 Page - Microsemi Corporation

Part # AX125
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 Datasheet(HTML) 108 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 104Page - Microsemi Corporation AX125 Datasheet HTML 105Page - Microsemi Corporation AX125 Datasheet HTML 106Page - Microsemi Corporation AX125 Datasheet HTML 107Page - Microsemi Corporation AX125 Datasheet HTML 108Page - Microsemi Corporation AX125 Datasheet HTML 109Page - Microsemi Corporation AX125 Datasheet HTML 110Page - Microsemi Corporation AX125 Datasheet HTML 111Page - Microsemi Corporation AX125 Datasheet HTML 112Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 262 page
background image
Detailed Specifications
2- 94
R e v i sio n 1 8
Table 2-93 • Sixteen RAM Blocks Cascaded
Worst-Case Commercial Conditions VCCA = 1.425 V, VCCI = 3.0 V, TJ = 70°C
–2 Speed
–1 Speed
Std Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
Write Mode
tWDASU
Write Data Setup vs. WCLK
16.54
18.84
22.15
ns
tWDAHD
Write Data Hold vs. WCLK
0.00
0.00
0.00
ns
tWADSU
Write Address Setup vs. WCLK
16.54
18.84
22.15
ns
tWADHD
Write Address Hold vs. WCLK
0.00
0.00
0.00
ns
tWENSU
Write Enable Setup vs. WCLK
16.54
18.84
22.15
ns
tWENHD
Write Enable Hold vs. WCLK
0.00
0.00
0.00
ns
tWCKH
WCLK Minimum High Pulse Width
0.75
0.75
0.75
ns
tWCLK
WCLK Minimum Low Pulse Width
13.40
13.40
13.40
ns
tWCKP
WCLK Minimum Period
14.15
14.15
14.15
ns
Read Mode
tRADSU
Read Address Setup vs. RCLK
18.13
20.65
24.27
ns
tRADHD
Read Address Hold vs. RCLK
0.00
0.00
0.00
ns
tRENSU
Read Enable Setup vs. RCLK
18.13
20.65
24.27
ns
tRENHD
Read Enable Hold vs. RCLK
0.00
0.00
0.00
ns
tRCK2RD1
RCLK-To-OUT (Pipelined)
12.08
13.76
16.17
ns
tRCK2RD2
RCLK-To-OUT (Non-Pipelined)
12.83
14.62
17.18
ns
tRCLKH
RCLK Minimum High Pulse Width
0.73
0.73
0.73
ns
tRCLKL
RCLK Minimum Low Pulse Width
14.41
14.41
14.41
ns
tRCKP
RCLK Minimum Period
15.14
15.14
15.14
ns
Note:
Timing data for these sixteen cascaded RAM blocks uses a depth of 65,536. For all other combinations, use
Microsemi’s timing software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com