| Electronic Components Datasheet Search |
|
AX125 Datasheet(PDF) 112 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX125 Datasheet(HTML) 112 Page - Microsemi Corporation |
|
112 / 262 page ![]() Detailed Specifications 2- 98 R e v i sio n 1 8 Glitch Elimination An analog filter is added to each FIFO controller to guarantee glitch-free FIFO-flag logic. Overflow and Underflow Control The counter MSB keeps track of the difference between the read address (RA) and the write address (WA). The EMPTY flag is set when the read and write addresses are equal. To prevent underflow, the write address is double-sampled by the read clock prior to comparison with the read address (part A in Figure 2-64). To prevent overflow, the read address is double-sampled by the write clock prior to comparison to the write address (part B in Figure 2-64). FIFO Configurations Unlike the RAM, the FIFO's write width and read width cannot be specified independently. For the FIFO, the write and read widths must be the same. The WIDTH pins are used to specify one of six allowable word widths, as shown in Table 2-96. The DEPTH pins allow RAM cells to be cascaded to create larger FIFOs. The four pins allow depths of 2, 4, 8, and 16 to be specified. Table 2-86 on page 2-87 describes the FIFO depth options for various data width and memory blocks. Interface Figure 2-65 on page 2-99 shows a logic block diagram of the Axcelerator FIFO module. Cascading FIFO Blocks FIFO blocks can be cascaded to create deeper FIFO functions. When building larger FIFO blocks, if the word width can be fractured in a multi-bit FIFO, the fractured word configuration is recommended over a cascaded configuration. For example, 256x36 can be configured as two blocks of 256x18. This should be taken into account when building the FIFO blocks manually. However, when using SmartGen, the user only needs to specify the depth and width of the necessary FIFO blocks. SmartGen automatically configures these blocks to optimize performance. Figure 2-64 • Overflow and Underflow Control Table 2-96 • FIFO Width Configurations WIDTH(2:0) W x D 000 1 x 4k 001 2 x 2k 010 4 x 1k 011 9 x 512 100 18 x 256 101 36 x 128 11x reserved AB = EMPTY WA RA RCLK = FULL RA WA WCLK |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |