| Electronic Components Datasheet Search |
|
AX125 Datasheet(PDF) 113 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX125 Datasheet(HTML) 113 Page - Microsemi Corporation |
|
113 / 262 page ![]() Axcelerator Family FPGAs Re vi s i on 18 2 - 99 Clock As with RAM configuration, the RCLK and WCLK pins have independent polarity selection. Figure 2-65 • FIFO Block Diagram Table 2-97 • FIFO Signal Description Signal Direction Description WCLK Input Write clock (active either edge). FWEN Input FIFO write enable. When this signal is asserted, the WD bus data is latched into the FIFO, and the internal write counters are incremented. WD[N-1:0] Input Write data bus. The value N is dependent on the RAM configuration and can be 1, 2, 4, 9, 18, or 36. FULL Output Active high signal indicating that the FIFO is FULL. When this signal is set, additional write requests are ignored. AFULL Output Active high signal indicating that the FIFO is AFULL. AFVAL Input 8-bit input defining the AFULL value of the FIFO. RCLK Input Read clock (active either edge). FREN Input FIFO read enable. RD[N-1:0] Output Read data bus. The value N is dependent on the RAM configuration and can be 1, 2, 4, 9, 18, or 36. EMPTY Output Empty flag indicating that the FIFO is EMPTY. When this signal is asserted, attempts to read the FIFO will be ignored. AEMPTY Output Active high signal indicating that the FIFO is AEMPTY. AEVAL Input 8-bit input defining the almost-empty value of the FIFO. PIPE Input Sets the pipe option on or off. CLR Input Active high clear input. DEPTH Input Determines the depth of the FIFO and the number of FIFOs to be cascaded. WIDTH Input Determines the width of the dataword/FIFO, and the number of the FIFOs to be cascaded. DEPTH [3:0] RD [35:0] FULL EMPTY AFULL AEMPTY WIDTH [2:0] FWEN FREN PIPE RCLK WD [35:0] AEVAL [7:0] AFVAL [7:0] WCLK CLR |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |