Electronic Components Datasheet Search
  English  ▼

X  

MP24971 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP24971
Description  1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24971 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP24971 Datasheet HTML 1Page - Monolithic Power Systems MP24971 Datasheet HTML 2Page - Monolithic Power Systems MP24971 Datasheet HTML 3Page - Monolithic Power Systems MP24971 Datasheet HTML 4Page - Monolithic Power Systems MP24971 Datasheet HTML 5Page - Monolithic Power Systems MP24971 Datasheet HTML 6Page - Monolithic Power Systems MP24971 Datasheet HTML 7Page - Monolithic Power Systems MP24971 Datasheet HTML 8Page - Monolithic Power Systems MP24971 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP24971 –1.5A, 50V, 100kHz, 5V FIXED OUTPUT STEP-DOWN CONVERTER
MP24971 Rev. 1.01
www.MonolithicPower.com
4
1/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
VIN
Supply Voltage. Operates from an unregulated 8V-to-50V input. Requires decoupling
capacitor(s)—CIN—to limit voltage spikes. Drain of the internal power MOSFET; supplies
power to the whole chip.
2
GND
Exposed
Pad
Ground. Voltage reference of the regulated output voltage. GND node should be placed
outside of the diode-to-CIN ground path to prevent switching current spikes from inducing
voltage noise into the part. Connect exposed pad to GND plane for optimal thermal
performance.
3
VOS
Output Voltage Sense. Connect directly to the output.
4
VOC
Output Line Drop Compensator. Connect to GND through a resistor to compensate for the
output voltage drop.
5
ISN
Negative Current Sense Input. Used for limiting load current and for over-voltage
protection. Native 6V over-voltage protection threshold.
6
ISP
Positive Current Sense Input. Used for load current limiting.
7
BST
Bootstrap. Requires a capacitor to drive the power MOSFET gate above the supply
voltage. Connected capacitor between SW and BST pins to form a floating supply across
the power MOSFET driver. An on-chip regulator charges the external bootstrap capacitor.
If the on-chip regulator is not powerful enough, add a diode from VIN or VOUT to charge the
external boot-strap capacitor.
8
SW
Switch Output. Output power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com