Electronic Components Datasheet Search
  English  ▼

X  

MP24971 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP24971
Description  1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24971 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP24971 Datasheet HTML 1Page - Monolithic Power Systems MP24971 Datasheet HTML 2Page - Monolithic Power Systems MP24971 Datasheet HTML 3Page - Monolithic Power Systems MP24971 Datasheet HTML 4Page - Monolithic Power Systems MP24971 Datasheet HTML 5Page - Monolithic Power Systems MP24971 Datasheet HTML 6Page - Monolithic Power Systems MP24971 Datasheet HTML 7Page - Monolithic Power Systems MP24971 Datasheet HTML 8Page - Monolithic Power Systems MP24971 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP24971
1.5A, 50V, 100kHz, 5V Fixed Output Step-
Down Converter with Programmable Current
Limit and Output Line-Drop Compensation
MP24971 Rev. 1.01
www.MonolithicPower.com
1
1/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP24971 is a monolithic, step-down,
switch-mode converter with a programmable
output-current limit. It has a fixed 5V/1.5A
continuous output over a wide input supply
range, and has excellent load and line
regulation. It has an internal 2ms-to-4ms soft-
start that prevents inrush current at start-up,
and compensates for output line drop.
MP24971 achieves a low EMI signature with
well-controlled switching edges.
It has fault-condition protections including
hiccup-mode current limit protection, short-
circuit
protection,
output
over-voltage
protection, and thermal shutdown.
The MP24971 requires a minimal number of
readily-available standard external components,
and is available in SOIC8 and SOIC8E
packages.
FEATURES
 Wide 8V-to-50V Operating Input Range
 Output Over-Voltage Protection
 5V Fixed Output
 0.4Ω Internal Power MOSFET
 Internal 4ms Soft-Start
 Stable with Low-ESR Ceramic Output
Capacitors
 Fixed 100kHz Frequency
 Low EMI Signature
 Thermal Shutdown
 Output Line-Drop Compensation
 Hiccup Circuit Limit and Short Circuit
Protection
 Available in SOIC8 and SOIC8E Package
APPLICATIONS
 USB Power Supplies
 Automotive Power Adapters
 Power Supplies for Linear Chargers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
+
L1
33µH
MP24971
SW
VOC
ISP
ISN
VOS
BST
VIN
GND
C7
0.1µF
GND
VIN
R2
402kO
Diode
C8
22µF
C9
100µF
RSENSE
66mO
C10
0.1µF
R3
1kO
R4
1kO
C5
10nF
C6
10nF
R5
0O
R1
0O
C4
0.1µF
C3
0.1µF
C1
220µF
C2
2.2µF
VOUT
Efficiency vs.
Output Current
55
60
65
70
75
80
85
90
95
OUTPUT CURRENT (A)
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5
VIN=12V
VIN=24V
VIN=50V
VOUT=5V


Similar Part No. - MP24971

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2497 MPS-MP2497 Datasheet
450Kb / 14P
3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2497-A MPS-MP2497-A Datasheet
606Kb / 14P
3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2497DN MPS-MP2497DN Datasheet
450Kb / 14P
3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2497DS MPS-MP2497DS Datasheet
450Kb / 14P
3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2497GN-A MPS-MP2497GN-A Datasheet
606Kb / 14P
3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
More results

Similar Description - MP24971

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9207FPS ROHM-BD9207FPS Datasheet
350Kb / 12P
Step-down type with 1.5A output
logo
Monolithic Power System...
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP2493 MPS-MP2493 Datasheet
1Mb / 12P
2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
MP2497 MPS-MP2497 Datasheet
450Kb / 14P
3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2497-A MPS-MP2497-A Datasheet
606Kb / 14P
3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2499 MPS-MP2499 Datasheet
1,002Kb / 12P
Integrated 100V Load Dump Protection 2A, 100kHz Step Down Regulator with Programmable Output Current
MP24943 MPS-MP24943 Datasheet
638Kb / 13P
3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MPQ2490 MPS-MPQ2490 Datasheet
914Kb / 11P
Industrial Grade, 1.5A, 36V, 700kHz Step-Down Converter with Programmable Output Current Limit
MP2499M MPS-MP2499M Datasheet
1Mb / 18P
36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com