Electronic Components Datasheet Search
  English  ▼

X  

MP24971 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP24971
Description  1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24971 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP24971 Datasheet HTML 6Page - Monolithic Power Systems MP24971 Datasheet HTML 7Page - Monolithic Power Systems MP24971 Datasheet HTML 8Page - Monolithic Power Systems MP24971 Datasheet HTML 9Page - Monolithic Power Systems MP24971 Datasheet HTML 10Page - Monolithic Power Systems MP24971 Datasheet HTML 11Page - Monolithic Power Systems MP24971 Datasheet HTML 12Page - Monolithic Power Systems MP24971 Datasheet HTML 13Page - Monolithic Power Systems MP24971 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP24971 –1.5A, 50V, 100kHz, 5V FIXED OUTPUT STEP-DOWN CONVERTER
MP24971 Rev. 1.01
www.MonolithicPower.com
10
1/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Line Drop Compensation
Long traces to the circuit load induce a voltage
drop between VOUT and VLOAD. that can be
described as:
DROP
OUT
TRACE
VI
R

(1)
Where
TRACE
TRACE1
TRACE2
RR
R

as seen in
Figure 2. Then, the VLOAD is:
LOAD
OUT
OUT
TRACE
VV
I
R

(2)
Supplying an accurate and consistent load
voltage over current-dependant trace resistance
necessitates line-drop compeonsation.
MP24971 offers a compensation method that
adjusts the FB voltage slightly according to the
load current.
The relation between VOUT and VFB can be
described by:
OUT
FB
OUT
SENSE
FB
TOP
BOT
C
VV
I
R
6
V
RR
R


(3)
Where, VFB is 0.8V.
Then, the VOUT can be calculated by:
OUT
SENSE
TOP
OUT
C
IR
6 R
V5V
R
 

(4)
The VLOAD is determined by:
OUT
SENSE
TOP
LOAD
C
OUT
TRACE
IR
6 R
V5V
R
IR
 


(5)
To maintain a VLOAD that is not variable with load
current, balance the equation below:
OUT
SENSE
TOP
OUT
TRACE
C
IR
6 R
IR
R
 

(6)
Where RTOP is 300kΩ. Simplifying, we find that
RC comes out to:
SENSE
C
TRACE
R6 300k
R
R

(7)
Where RSENSE is known and RTRACE can be
tested or evaluated
SW
ISP
ISN
RSENSE
0.8V
VOS
Load
VOUT
ERROR
AMPLIFIER
RTOP
RBOT
600mV
X 6
Hiccup
Current Limit
10000kO
10pF
Internal Block
RTRACE
RTRACE1
RTRACE2
VOC
RC
VFB
VLOAD
Figure 2—Output Line Drop Compensation
Selecting the Inductor
For most applications, use a 10µH to 47µH
inductor with a DC current rating of at least
125% of the maximum load current. For best
efficiency, select an inductor with a DC
resistance less than 200mΩ. For most designs,
the inductance value can be determined by.
OSC
L
IN
OUT
IN
OUT
f
I
V
)
V
V
(
V
L
(8)
Where ΔIL is the inductor ripple current.
Choose inductor current ripple to equal
approximately 30% of the maximum load
current, 1.5A. Then maximum inductor peak
current is:
2
I
I
I
L
LOAD
)
MAX
(
L
(9)
Under light-load conditions below 100mA, use a
larger inductor to improve efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com