Electronic Components Datasheet Search
  English  ▼

X  

MP28127 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP28127
Description  1.25A, 5.5V Synchronous Step-Down Switching Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28127 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP28127 Datasheet HTML 1Page - Monolithic Power Systems MP28127 Datasheet HTML 2Page - Monolithic Power Systems MP28127 Datasheet HTML 3Page - Monolithic Power Systems MP28127 Datasheet HTML 4Page - Monolithic Power Systems MP28127 Datasheet HTML 5Page - Monolithic Power Systems MP28127 Datasheet HTML 6Page - Monolithic Power Systems MP28127 Datasheet HTML 7Page - Monolithic Power Systems MP28127 Datasheet HTML 8Page - Monolithic Power Systems MP28127 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP28127 – 1.25A, 5.5V SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR
MP28127 Rev. 0.9
www.MonolithicPower.com
5
6/7/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
--
+
--
+
--
+
+
LOGIC
SLOPE
COMPENSATION
AND PEAK
CURRENT LIMIT
PWM
CURRENT
COMPARATOR
EN
COMP
SLOPE
CLK
EN
EXCLK
OSC
EN/SYNC
LOGIC
SOFT
-START
0.8V
0.72V
0.88V
0.5pF
1.2 MEG 17pF
IN
POK
IN
BS
SW
SW
GND
GND
FB
EN/SYNC
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com