Electronic Components Datasheet Search
  English  ▼

X  

MP28127 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP28127
Description  1.25A, 5.5V Synchronous Step-Down Switching Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28127 Datasheet(HTML) 8 Page - Monolithic Power Systems

  MP28127 Datasheet HTML 1Page - Monolithic Power Systems MP28127 Datasheet HTML 2Page - Monolithic Power Systems MP28127 Datasheet HTML 3Page - Monolithic Power Systems MP28127 Datasheet HTML 4Page - Monolithic Power Systems MP28127 Datasheet HTML 5Page - Monolithic Power Systems MP28127 Datasheet HTML 6Page - Monolithic Power Systems MP28127 Datasheet HTML 7Page - Monolithic Power Systems MP28127 Datasheet HTML 8Page - Monolithic Power Systems MP28127 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MP28127 – 1.25A, 5.5V SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR
MP28127 Rev. 0.9
www.MonolithicPower.com
8
6/7/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PCB Layout
The high current paths (GND, IN and SW) should
be placed very close to the device with short,
direct and wide traces. Two input ceramic
capacitors (2× (10µF~22µF)) are recommended
to be placed on both sides of MP28127DQ
package and keep them as close as possible to
“IN” and “GND” pins. If this placement is not
possible, a ceramic cap (10µF~47µF) must be
placed across PIN7-“IN”and PIN9-“GND” since
the internal VCC supply is powered from PIN7,
and good decoupling is needed to avoid any
interference issues.
The external feedback resistors should be placed
next to the FB pin.
Keep the switching node SW short and away
from the feedback network.
Please see the EV datasheet for the detailed
information.
Table 2—Suggested Surface Mount Inductors
Manufacturer
Part
Number
Inductance
(µH)
Max DCR
(mΩ)
Current Rating
(A)
Dimensions
L x W x H (mm3)
Wurth Electronics
744310055
0.55
4.5
14
7×6.9×3
744310095
0.95
7.4
11
7×6.9×3
TOKO
B1015AS-1R0N
1
11
6.9
8.4×8.3×4
Recommended Layout Pattern
SW
CIN
CIN
GND
VOUT
COUT
L
EN
GND
SW
IN
POK
FB
GND
SW
IN
BS
Figure 2—Recommended Layout Pattern for QFN Package



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com