Electronic Components Datasheet Search
  English  ▼

X  

MP28128 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP28128
Description  2.5A, 1.5MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28128 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP28128 Datasheet HTML 1Page - Monolithic Power Systems MP28128 Datasheet HTML 2Page - Monolithic Power Systems MP28128 Datasheet HTML 3Page - Monolithic Power Systems MP28128 Datasheet HTML 4Page - Monolithic Power Systems MP28128 Datasheet HTML 5Page - Monolithic Power Systems MP28128 Datasheet HTML 6Page - Monolithic Power Systems MP28128 Datasheet HTML 7Page - Monolithic Power Systems MP28128 Datasheet HTML 8Page - Monolithic Power Systems MP28128 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP28128 – 2.5A, 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP28128 Rev. 0.92
www.MonolithicPower.com
5
2/13/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VOUT = 1.8V, TA = +25ºC, unless otherwise noted.
Shut Down through Enable
Shut Down through Enable
Start Up through Enable
400ms/div
1ms/div
1ms/div
400s/div
Full Load
No Load
Full Load
Short Circuit Recovery
Short Circut Protection
VOUT
1V/div.
VIN=5V,VOUT=1.8V
VIN=5V,VOUT=1.8V
VOUT
1V/div.
VOUT
2V/div.
VOUT
1V/div.
VOUT
1V/div.
VSW
5V/div.
VEN
2V/div.
VSW
5V/div.
VEN
2V/div.
VEN
5V/div.
VPOK
2V/div.
VPOK
5V/div.
VPOK
2V/div.
Inductor
2A/div.
Inductor
1A/div.
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com