Electronic Components Datasheet Search
  English  ▼

X  

MP28128 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28128
Description  2.5A, 1.5MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28128 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28128 Datasheet HTML 1Page - Monolithic Power Systems MP28128 Datasheet HTML 2Page - Monolithic Power Systems MP28128 Datasheet HTML 3Page - Monolithic Power Systems MP28128 Datasheet HTML 4Page - Monolithic Power Systems MP28128 Datasheet HTML 5Page - Monolithic Power Systems MP28128 Datasheet HTML 6Page - Monolithic Power Systems MP28128 Datasheet HTML 7Page - Monolithic Power Systems MP28128 Datasheet HTML 8Page - Monolithic Power Systems MP28128 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP28128
2.5A, 1.5MHz Synchronous
Step-Down Converter
MP28128 Rev. 0.92
www.MonolithicPower.com
1
2/13/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP28128 is a 1.5MHz fixed frequency
PWM synchronous step-down regulator with
internal compensation. MP28128 operates from
a 2.7V to 6V input and generates an adjustable
output voltage from 0.8V to 0.9xVIN at up to
2.5A load current.
The MP28128 integrates an 80mΩ high-side
switch and a 60mΩ synchronous rectifier for
high efficiency without an external Schottky
diode. With peak current mode control and
internal compensation, the MP28128 based
solution delivers a very compact footprint with a
minimum component count. Fault condition
protection
includes
hiccup
short-circuit
protection, cycle-by-cycle current limiting and
thermal shutdown. Other features include
frequency synchronization input, internal soft-
start and power good output.
The MP28128 is available in a small 3mm x
3mm 10-lead QFN package.
FEATURES
• 2.5A Output Current
• Input Operation Range: 2.7V to 6V
• 1.5% Output Accuracy
• Internal Power MOSFET Switches
• All Ceramic Capacitor Design
• 1.5MHz Fixed Switching Frequency
• Internal Soft-Start
• Frequency Synchronization Input
• Power Good Output
• Cycle-by-Cycle Current Limiting
• Thermal Shutdown
• 3mm x 3mm 10-lead QFN Package
APPLICATIONS
• µP/ASIC/DSP/FPGA Core and I/O Supplies
• Printers and LCD TVs
• Network and Telecom Equipment
• Point of Load Regulators
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
BS
IN
FB
SW
EN/SYNC
POK
GND
VIN
POK
OFF ON
Efficiency vs.
Output Current
0
70
75
85
90
95
80
0.5
1
1.5
2
2.5
OUTPUT CURRENT (A)
5V to 2.5V
5V to 1.8V 5V to 3.3V


Similar Part No. - MP28128

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
1.25A, 5.5V Synchronous Step-Down Switching Regulator
MP28127DQ MPS-MP28127DQ Datasheet
420Kb / 9P
1.25A, 5.5V Synchronous Step-Down Switching Regulator
More results

Similar Description - MP28128

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669_12 Datasheet
466Kb / 11P
600mA 1.5MHz Synchronous Step Down Converter
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
FT440 ETC2-FT440 Datasheet
245Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Leshan Radio Company
LR8509 LRC-LR8509 Datasheet
468Kb / 10P
1.5MHz 600mA Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
800mA 1.5MHz Synchronous Step-Down Converter
April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com