Electronic Components Datasheet Search
  English  ▼

X  

MP28128 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP28128
Description  2.5A, 1.5MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28128 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP28128 Datasheet HTML 3Page - Monolithic Power Systems MP28128 Datasheet HTML 4Page - Monolithic Power Systems MP28128 Datasheet HTML 5Page - Monolithic Power Systems MP28128 Datasheet HTML 6Page - Monolithic Power Systems MP28128 Datasheet HTML 7Page - Monolithic Power Systems MP28128 Datasheet HTML 8Page - Monolithic Power Systems MP28128 Datasheet HTML 9Page - Monolithic Power Systems MP28128 Datasheet HTML 10Page - Monolithic Power Systems MP28128 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP28128 – 2.5A, 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP28128 Rev. 0.92
www.MonolithicPower.com
8
2/13/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage Setting
The external resistor divider sets the output
voltage (see Page 1). The feedback resistor R1
also sets the feedback loop bandwidth with the
internal compensation (refer to description
function). The relation between R1 and feedback
loop bandwidth (fC), output capacitance (CO) is as
following:
6
CO
1.24 10
R1(K )
f(KHz) C (uF)
×
Ω=
×
The feedback loop bandwidth (fC) is no higher
than 1/10 of switching frequency of MP28128. In
the case of ceramic capacitor as CO, it’s usually
set to be in the range of 50 kHz and 150 kHz for
optimal transient performance and good phase
margin. If electrolytic capacitor is used, the loop
bandwidth is no higher than 1/4 of the ESR zero
frequency (fESR). fESR is given by:
ESR
ESR
O
1
f
2R
C
=
π×
×
For example, choose fC=70 kHz with ceramic
capacitor, CO=47uF, R1 is estimated to be
400kΩ. R2 is then given by:
OUT
R1
R2 =
V
-1
0.8V
Table 1—Resistor Selection vs. Output
Voltage Setting
VOUT (V)
R1
(kΩ)
R2
(kΩ)
L
(µH)
COUT
(ceramic)
1.2
400
806
0.47µH-1µH
47µF
1.5
400
453
0.47µH-1µH
47µF
1.8
400
316
0.47µH-1µH
47µF
2.5
400
187
0.47µH-1µH
47µF
3.3
400
127
0.47µH-1µH
47µF
Inductor Selection
A 0.47µH to 1µH inductor with DC current rating
at least 25% higher than the maximum load
current is recommended for most applications.
For best efficiency, the inductor DC resistance
shall be <10mΩ. For most designs, the
inductance value can be derived from the
following equation:
OUT
IN
OUT
IN
L
OSC
Vx(V - V
)
L=
Vx∆Ixf
where ∆IL is Inductor Ripple Current. Choose
inductor ripple current approximately 30% of the
maximum load current.
The maximum inductor peak current is:
L
L(MAX)
LOAD
∆I
I= I
+
2
Under light load conditions, larger inductance is
recommended for improved efficiency.
Input Capacitor Selection
The input capacitor reduces the surge current
drawn from the input and the switching noise
from the device. The input capacitor impedance
at the switching frequency shall be less than
input
source
impedance
to
prevent
high
frequency switching current passing to the input
source. Ceramic capacitors with X5R or X7R
dielectrics are highly recommended because of
their low ESR and small temperature coefficients.
For most applications, a 47µF capacitor is
sufficient.
Output Capacitor Selection
The output capacitor keeps output voltage ripple
small and ensures a stable regulation loop stable.
The output capacitor impedance shall be low at
the switching frequency. Ceramic capacitors with
X5R or X7R dielectrics are recommended. If
electrolytic capacitor is used, pay attention to
output ripple voltage, extra heating, and the
selection of feedback resistor R1 (refer to “Output
Voltage Setting” section) due to large ESR of
electrolytic capacitor. The output ripple ∆VOUT is
approximately:
∆≤
OUT
IN
OUT
OUT
IN
OSC
OSC
3
Vx(V - V
)
1
V
x(ESR +
)
V xf
xL
8xf
xC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com