Electronic Components Datasheet Search
  English  ▼

X  

MP28253 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP28253
Description  21V, 3A, 500kHz Synchronous Step-down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28253 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP28253 Datasheet HTML 1Page - Monolithic Power Systems MP28253 Datasheet HTML 2Page - Monolithic Power Systems MP28253 Datasheet HTML 3Page - Monolithic Power Systems MP28253 Datasheet HTML 4Page - Monolithic Power Systems MP28253 Datasheet HTML 5Page - Monolithic Power Systems MP28253 Datasheet HTML 6Page - Monolithic Power Systems MP28253 Datasheet HTML 7Page - Monolithic Power Systems MP28253 Datasheet HTML 8Page - Monolithic Power Systems MP28253 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP28253 – 3A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP28253 Rev. 1.02
www.MonolithicPower.com
5
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 1.2V, L=1.8μH, TA = +25ºC, unless otherwise noted.
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
0.5
1
1.5
2
2.5
3
INPUT VOLTAGE (V)
Enabled Supply Current vs.
Input Voltage
VFB=1V
Operating Range
Vcc Regulator Line Regulation
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
500
550
600
650
700
750
800
850
900
950
1000
DUTY CYCLE (%)
Line Regulation
OUTPUT CURRENT (A)
INPUT VOLTAGE (V)
Case Temperature Rise vs.
Output Current
INPUT CURRENT (V)
OUTPUT CURRENT (A)
0
5
10
15
20
25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
5
10
15
20
25
Disabled Supply Current vs.
Input Voltage
VEN=0V
0
5
10
15
20
25
0.1
1
10
100
0
5
10
15
20
25
VIN=12V
VIN=4.5V
VIN=21V
0
5
10
15
20
25
0
5
10
15
01234
3.5
4
4.5
5
5.5
6
0
2
4
6
8
0
20
40
60
80
100
Current Limit vs.
Duty Cycle
Minimum on time Limit
DmaxLimit
Load Regulation
IOUT=0A
IOUT=1.5A
IOUT=3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com