Electronic Components Datasheet Search
  English  ▼

X  

MP28253 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP28253
Description  21V, 3A, 500kHz Synchronous Step-down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28253 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP28253 Datasheet HTML 3Page - Monolithic Power Systems MP28253 Datasheet HTML 4Page - Monolithic Power Systems MP28253 Datasheet HTML 5Page - Monolithic Power Systems MP28253 Datasheet HTML 6Page - Monolithic Power Systems MP28253 Datasheet HTML 7Page - Monolithic Power Systems MP28253 Datasheet HTML 8Page - Monolithic Power Systems MP28253 Datasheet HTML 9Page - Monolithic Power Systems MP28253 Datasheet HTML 10Page - Monolithic Power Systems MP28253 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP28253 – 3A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP28253 Rev. 1.02
www.MonolithicPower.com
7
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 1.2V, L=1.8μH, TA = +25ºC, unless otherwise noted.
Enable Startup
with 3A Load
Enable Startup
without Load
Power Up without Load
Power Up with 3A Load
VOUT
1V/div
VSW
5V/div
IINDUCTOR
5A/div
VOUT
1V/div
VEN
5V/div
VSW
5V/div
IINDUCTOR
5A/div
IINDUCTOR
5A/div
VOUT
1V/div
VEN
5V/div
VSW
5V/div
IINDUCTOR
5A/div
VOUT
1V/div
VIN
10V/div
VSW
5V/div
IINDUCTOR
5A/div
1ms/div
2ms/div
2ms/div
2ms/div
2ms/div
Short Entry
Short Recovery
Output Ripple Voltage
IOUT=3A
Input Ripple Voltage
IOUT=3A
VOUT
1V/div
VIN
10V/div
VSW
5V/div
IINDUCTOR
5A/div
VOUT
1V/div
VSW
5V/div
IINDUCTOR
5A/div
2ms/div
VSW
5V/div
VSW
5V/div
VOUT/AC
10mV/div
VIN/AC
100mV/div
Load Transient Response
IOUT=1.5A-3A
VOUT/AC
50mV/div
IOUT
2A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com