Electronic Components Datasheet Search
  English  ▼

X  

MP28253 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP28253
Description  21V, 3A, 500kHz Synchronous Step-down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28253 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP28253 Datasheet HTML 6Page - Monolithic Power Systems MP28253 Datasheet HTML 7Page - Monolithic Power Systems MP28253 Datasheet HTML 8Page - Monolithic Power Systems MP28253 Datasheet HTML 9Page - Monolithic Power Systems MP28253 Datasheet HTML 10Page - Monolithic Power Systems MP28253 Datasheet HTML 11Page - Monolithic Power Systems MP28253 Datasheet HTML 12Page - Monolithic Power Systems MP28253 Datasheet HTML 13Page - Monolithic Power Systems MP28253 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP28253 – 3A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP28253 Rev. 1.02
www.MonolithicPower.com
10
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Vin
EN/Sync
Vcc
Vout
VEN_Rising
5us
VEN_Falling
VIN_STA
RT
1ms
VCC_Rising
Turn On Delay
Turn Off Delay
VIN_STOP
Figure 3—Startup Sequence Using EN Divider
3) Synchronized by External Sync Clock Signal
The chip can be synchronized to external clock
range from 300kHz up to 2MHz through this pin
2ms right after output voltage is set, with the
internal clock rising edge synchronized to the
external clock rising edge.
Vin
EN/Sync
Vcc
Vout
CLK
5us
Foldback
500kHz
External CLK
0.625*Vout_set
2ms
1ms
VCC_Rising
Vout_set
Figure 4—Startup Sequence Using External
Sync Clock Signal
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented to
protect the chip from operating at insufficient
supply voltage. The MP28253 UVLO comparator
monitors the output voltage of the internal
regulator, VCC. The UVLO rising threshold is
about 4.0V while its falling threshold is a
consistent 3.2V.
External Soft-Start
The soft-start is implemented to prevent the
converter output voltage from overshooting
during startup. When the chip starts, the internal
circuitry generates a soft-start voltage (SS)
ramping up from 0V to 1.2V. When it is lower
than the internal FB reference (REF), SS
overrides REF so the error amplifier uses SS as
the reference. When SS is higher than REF, REF
regains control. The SS time can be set by
external decoupled cap. The soft-start time can
be caculated as below:
5
ss
Vref(V) C (nF)
t(ms)
10.5 A
×
=
μ
To reduce the susceptibility to noise, do not leave
SS pin open. Use a capacitor with small value if
soft –start function not needed.
Over-Current-Protection and Hiccup
The MP28253 has cycle-by-cycle over current
limit when the inductor current peak value
exceeds
the
set
current
limit
threshold.
Meanwhile, output voltage starts to drop until FB
is below the Under-Voltage (UV) threshold,
typically 30% below the reference. Once a UV is
triggered, the MP28253 enters hiccup mode to
periodically restart the part. This protection mode
is especially useful when the output is dead-short
to ground. The average short circuit current is
greatly reduced to alleviate the thermal issue and
to protect the regulator. The MP28253 exits the
hiccup mode once the over current condition is
removed.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip
from
operating
at
exceedingly
high
temperatures. When the silicon die temperature
is higher than 150
°C, it shuts down the whole
chip. When the temperature is lower than its
lower threshold, typically 140
°C, the chip is
enabled again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by
an external bootstrap capacitor. This floating
driver has its own UVLO protection. This UVLO’s
rising threshold is 2.2V with a hysteresis of
150mV. The bootstrap capacitor voltage is
regulated internally by VIN through D1, M3, C4,
L1 and C2 (Figure 5). If (VIN-VSW) is more than
5V, U2 will regulate M3 to maintain a 5V BST
voltage across C4.
SW
Figure 5—Internal Bootstrap Charging Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com