Electronic Components Datasheet Search
  English  ▼

X  

MP28259 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP28259
Description  High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28259 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP28259 Datasheet HTML 8Page - Monolithic Power Systems MP28259 Datasheet HTML 9Page - Monolithic Power Systems MP28259 Datasheet HTML 10Page - Monolithic Power Systems MP28259 Datasheet HTML 11Page - Monolithic Power Systems MP28259 Datasheet HTML 12Page - Monolithic Power Systems MP28259 Datasheet HTML 13Page - Monolithic Power Systems MP28259 Datasheet HTML 14Page - Monolithic Power Systems MP28259 Datasheet HTML 15Page - Monolithic Power Systems MP28259 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP28259 – 2A, 4.2V-20V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP28259 Rev. 1.34
www.MonolithicPower.com
12
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ramps up. The output voltage smoothly ramps
up with the SS voltage. Once SS voltage rises
above the VREF, it continues to ramp up while the
PWM comparator only compares the VREF and
the FB voltage. At this point, the soft start
finishes and it enters steady state operation. The
SS time is set about 1ms internally.
When the EN pin goes low, an internal current
source discharges the internal SS voltage. Once
the SS voltage falls below the VREF, the PWM
comparator will only compare the VREF to the SS
voltage. The output voltage will decrease
smoothly with the SS voltage until the voltage
level zeros out.
Power Good (PG)
The PG pin is the open drain of a MOSFET that
connects to VCC or some other voltage source
through a resistor (ex. 100k). The MOSFET turns
on with the application of an input voltage so that
the PG pin is pulled to GND before SS is ready.
After FB voltage reaches 90% of VREF, the PG pin
is pulled high after a delay.
The PG delay time is determined as follows:
( )
( )
PG
SS
T
ms
0.5 T
ms
0.5
=×
+
(11)
When the FB voltage drops to 90% of REF
voltage, the PG pin will be pulled low.
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
MP28259DD has cycle-by cycle over-current limit
control. The inductor current is monitored during
the ON state. And it has two optional OCP/SCP
protection modes: latch-off mode and hiccup
mode.
For MP28259DD, the HS-FET turns off when the
inductor current exceeds the current limit and the
OCP timer—set at 50μs—starts. The OCP
triggers if the inductor current reaches or
exceeds the current limit every cycle in those
50μs. The MP28259DD short-circuit protection
(SCP) occurs when dead shorts occur—when the
inductor current exceeds the current limit and the
FB voltage is lower than 50% of the VREF—and
will trigger the OCP..
For MP28259DD-A, enters hiccup mode, that
periodically restarts the part when the inductor
current peak value exceeds the current limit and
VFB drops below the under-voltage (UV) threshold.
Typically, the UV threshold is 50% below the
REF voltage. In OCP/SCP, MP28259DD-A will
disable the output voltage power, discharge
internal soft-start cap, and then automatically try
to soft-start again. If the over-current circuit
condition still holds after soft-start ends, it
repeats this operation cycle until the over-current
circuit condition disappears, and output rises
back to regulation level.
Over/Under-voltage Protection (OVP/UVP)
MP28259 monitors the output voltage through a
resistor-divided feedback (FB) voltage to detect
over and under voltage on the output. When the
FB voltage is higher than 125% of the VREF, it will
trigger the OVP. Once it triggers the OVP, the
LS-FET is always on while the HS-FET is off. It
needs to power cycle to turn on again.
Conversely, the UVP triggers when the FB
voltage falls below 50% of the VREF (0.815V)
Usually UVP accompanies a drop in the current
limit and this results in SCP.
.UVLO protection
MP28259 has under-voltage lock-out protection
(UVLO). When the input voltage is higher than
the UVLO rising threshold voltage, the MP28259
powers up. It shuts off when the input voltage is
lower than the UVLO falling threshold voltage.
This is non-latch protection.
Thermal Shutdown
The MP28259 employs thermal shutdown by
internally monitoring the junction temperature of
the IC. If the junction temperature exceeds the
threshold value (typically 150°C), the converter
shuts off. This is non-latch protection. There is
about 25°C hysteresis. Once the junction
temperature drops around 125°C, it initiates a
soft start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com