Electronic Components Datasheet Search
  English  ▼

X  

MP28259 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP28259
Description  High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28259 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP28259 Datasheet HTML 10Page - Monolithic Power Systems MP28259 Datasheet HTML 11Page - Monolithic Power Systems MP28259 Datasheet HTML 12Page - Monolithic Power Systems MP28259 Datasheet HTML 13Page - Monolithic Power Systems MP28259 Datasheet HTML 14Page - Monolithic Power Systems MP28259 Datasheet HTML 15Page - Monolithic Power Systems MP28259 Datasheet HTML 16Page - Monolithic Power Systems MP28259 Datasheet HTML 17Page - Monolithic Power Systems MP28259 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MP28259 – 2A, 4.2V-20V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP28259 Rev. 1.34
www.MonolithicPower.com
15
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
has an around 1ms soft-start time period. If the
output capacitor value is too high, the output
voltage can’t reach the design value during the
soft-start time, and then it will fail to regulate. The
maximum output capacitor value Co_max can be
limited approximately by:
O _ MAX
LIM _ AVG
OUT
ss
OUT
C(I
I
) T / V
=−
×
(24)
Where, ILIM_AVG is the average start-up current
during soft-start period. Tss is the soft-start time.
Inductor
The inductor is necessary to supply constant
current to the output load while being driven by
the switched input voltage. A larger-value
inductor will result in less ripple current that will
result in lower output ripple voltage. However, a
larger-value inductor will have a larger physical
footprint, higher series resistance, and/or lower
saturation current. A good rule for determining
the inductance value is to design the peak-to-
peak ripple current in the inductor to be in the
range of 30% to 40% of the maximum output
current, and that the peak inductor current is
below the maximum switch current limit. The
inductance value can be calculated by:
OUT
OUT
SW
L
IN
VV
L1
FI
V
⎛⎞
=× −
⎜⎟
×Δ
⎝⎠
(25)
Where ΔIL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:
OUT
OUT
LP
OUT
SW
IN
VV
II
1
2F
L
V
⎛⎞
=+
× −
⎜⎟
×
⎝⎠
(26)
Design Examples
Some design examples and recommended
maximum output capacitor value with typical
outputs are provided below when the ceramic
capacitors is applied with R9=0ohm:
Table 1—1.2V VOUT
VIN
(V)
VOUT
(V)
C1
R7
(Ω)
R4
(Ω)
R1
(Ω)
R2
(Ω)
FSW
(Hz)
12
1.2
10μF*1 300k
499k
12.1k 24.3k
450k
5
1.2
10μF*1 300k
390k
12.1k 24.3k
440k
Table 2—1.8V VOUT
VIN
(V)
VOUT
(V)
C1
R7
(Ω)
R4
(Ω)
R1
(Ω)
R2
(Ω)
FSW
(Hz)
12
1.8
10μF*1 402k
499k
12.1k 24.3k
480k
5
1.8
10μF*1 402k
390k
12.1k 24.3k
460k
Table 3—2.5V VOUT
VIN
(V)
VOUT
(V)
C1
R7
(Ω)
R4
(Ω)
R1
(Ω)
R2
(Ω)
FSW
(Hz)
12
2.5
10μF*1 536k
499k
12.1k
5.9k
490k
5
2.5
10μF*1 536k
390k
12.1k
5.9k
480k
Table 4—3.3V VOUT
VIN
(V)
VOUT
(V)
C1
R7
(Ω)
R4
(Ω)
R1
(Ω)
R2
(Ω)
FSW
(Hz)
12
3.3
10μF*1 698k
560k
12.1k 3.92k
500k
5
3.3
10μF*1 698k
560k
12.1k 3.92k
485k
Table 5—5V VOUT
VIN
(V)
VOUT
(V)
C1
R7
(Ω)
R4
(Ω)
R1
(Ω)
R2
(Ω)
FSW
(Hz)
12
5
10μF*1 887k
560k
12.1k 2.32k
600k
Table 6—Recommended Maximum Output
Capacitor Value (FSW=500 kHz)
Recommended Conditions: VIN=12V, IOUT=2A
VOUT
(V)
1.2
1.8
2.5
3.3
5
CO_MAX
(μF)
680
570
390
330
220
The detailed application schematic is shown in
Figure 13 when large ESR caps are used, and
Figure14 and Figure 15 when low ESR caps are
applied. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
possible applications of this device, please refer
to related Evaluation Board Data Sheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com