Electronic Components Datasheet Search
  English  ▼

X  

MP28368 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP28368
Description  1.8A, 24V, 1.4MHz Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28368 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP28368 Datasheet HTML 1Page - Monolithic Power Systems MP28368 Datasheet HTML 2Page - Monolithic Power Systems MP28368 Datasheet HTML 3Page - Monolithic Power Systems MP28368 Datasheet HTML 4Page - Monolithic Power Systems MP28368 Datasheet HTML 5Page - Monolithic Power Systems MP28368 Datasheet HTML 6Page - Monolithic Power Systems MP28368 Datasheet HTML 7Page - Monolithic Power Systems MP28368 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP28368 – 1.8A, 24V, 1.4MHz STEP-DOWN CONVERTER
MP28368 Rev. 0.9
www.MonolithicPower.com
3
12/13/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TM
PIN FUNCTIONS
Pin #
Name Description
1, 8
NC
No Connect.
2
SW
Switch Output.
3
IN
Supply Voltage. The MP28368 operates from a +4.5V to +24V unregulated input. C1 is needed
to prevent large voltage spikes from appearing at the input.
4
EN
On/Off Control Input. Pull above 1.2V to turn the device on.
5
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin sets the
output voltage. To prevent current limit run away during a short circuit fault condition the
frequency foldback comparator lowers the oscillator frequency when the FB voltage is below
250mV.
6
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this reason care
must be taken in its layout. This node should be placed outside of the D1 to C1 ground path to
prevent switching current spikes from inducing voltage noise into the part.
7
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply voltage. It
is connected between SW and BST pins to form a floating supply across the power switch
driver.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, TA = +25°C, unless otherwise noted.
Efficiency vs
Load Currents
Current Limit vs
Duty Cycle
VOUT = 5V
VOUT = 2.5V
VOUT = 12V
VIN = 24V
100
90
80
70
60
50
40
LOAD CURRENT (A)
100
90
80
70
60
50
40
0
1.0
0.5
1.5
2.0
2.5
LOAD CURRENT (A)
Efficiency vs
Load Current
VOUT = 5V
VOUT = 2.5V
VIN = 12V
0
1.0
0.5
1.5
2.0
2.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
DUTY CYCLE (%)
040
20
60
80
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com