Electronic Components Datasheet Search
  English  ▼

X  

MP28368 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP28368
Description  1.8A, 24V, 1.4MHz Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28368 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP28368 Datasheet HTML 1Page - Monolithic Power Systems MP28368 Datasheet HTML 2Page - Monolithic Power Systems MP28368 Datasheet HTML 3Page - Monolithic Power Systems MP28368 Datasheet HTML 4Page - Monolithic Power Systems MP28368 Datasheet HTML 5Page - Monolithic Power Systems MP28368 Datasheet HTML 6Page - Monolithic Power Systems MP28368 Datasheet HTML 7Page - Monolithic Power Systems MP28368 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP28368 – 1.8A, 24V, 1.4MHz STEP-DOWN CONVERTER
MP28368 Rev. 0.9
www.MonolithicPower.com
4
12/13/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 3.3V, TA = +25°C, unless otherwise noted.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
2A/div.
Start-up through Enable
VIN = 12V, VOUT = 3.3V,
IOUT = 2A Resistive Load
VOUT
2V/div.
VSW
10V/div.
VEN
5V/div.
Start-up through Enable
VIN = 12V, VOUT = 3.3V, No Load
VOUT
2V/div.
VSW
10V/div.
VEN
5V/div.
IL
2A/div.
Shut-down through Enable
VIN = 12V, VOUT = 3.3V,
IOUT = 2A Resistive Load
Short Circuit Entry
VIN = 12V, VOUT = 3.3V
IL
2A/div.
VOUT
2V/div.
IL
2A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
2A/div.
Shut-down through Enable
VIN = 12V, VOUT = 3.3V, No Load
Short Circuit Recovery
VIN = 12V, VOUT = 3.3V
VOUT
2V/div.
IL
2A/div.
400ns/div.
Steady State Test
VIN = 12V, VOUT = 3.3V, IOUT = 0.5A
VOUT
20mV/div.
VSW
10V/div.
IL
500mA/div.
VOUT
AC Coupled
200mV/div.
IL
1A/div.
ILOAD
1A/div.
Load Transient Test
VIN = 12V, VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com