Electronic Components Datasheet Search
  English  ▼

X  

MP28368 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28368
Description  1.8A, 24V, 1.4MHz Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28368 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28368 Datasheet HTML 1Page - Monolithic Power Systems MP28368 Datasheet HTML 2Page - Monolithic Power Systems MP28368 Datasheet HTML 3Page - Monolithic Power Systems MP28368 Datasheet HTML 4Page - Monolithic Power Systems MP28368 Datasheet HTML 5Page - Monolithic Power Systems MP28368 Datasheet HTML 6Page - Monolithic Power Systems MP28368 Datasheet HTML 7Page - Monolithic Power Systems MP28368 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP28368
1.8A, 24V, 1.4MHz
Step-Down Converter
MP28368 Rev. 0.9
www.MonolithicPower.com
1
12/13/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP28368 is a monolithic step-down switch
mode converter with a built-in internal power
MOSFET. It achieves 1.8A continuous output
current over a wide input supply range with
excellent load and line regulation. Current mode
operation provides fast transient response and
eases
loop
stabilization.
Fault
condition
protection includes cycle-by-cycle current limiting
and thermal shutdown.
The MP28368 requires a minimum number of
readily available standard external components.
The MP28368 is available in a 2mm x 2mm
QFN8 package.
FEATURES
• 2.5A Peak Output Current
• 1.8A Continuous Output Current
• 0.3Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• 0.1μA Shutdown Mode
• Fixed 1.4MHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.5V to 24V Operating Input Range
• Output Adjustable from 0.81V to 15V
• Available in 2x2 QFN8 Packages
APPLICATIONS
•
Broadband Communications Equipment
•
Digital Entertainment Systems
•
Distributed Power Systems
•
Battery Charger
•
Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP28368
SW
FB
BST
3
4
6
5
2
7
GND
IN
EN
VOUT
3.3V
CB
10nF
D1
B230A
VIN
OFF ON
100
90
80
70
60
50
0
0.5
1.0
1.5
2.0
LOAD CURRENT (A)
Efficiency vs
Load Current
VOUT = 2.5V
VOUT = 3.3V
VIN = 12V


Similar Part No. - MP28368

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
MP28367DJ MPS-MP28367DJ Datasheet
367Kb / 9P
1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
MP28369 MPS-MP28369 Datasheet
210Kb / 8P
2A, 16V, 1.4MHz Step-Down Converter
MP28369DK MPS-MP28369DK Datasheet
210Kb / 8P
2A, 16V, 1.4MHz Step-Down Converter
More results

Similar Description - MP28368

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2360DG-00B MPS-EV2360DG-00B Datasheet
156Kb / 4P
1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP2270 MPS-MP2270 Datasheet
411Kb / 10P
1.8A, 24V, 700kHz Step-Down Converter
MP2371 MPS-MP2371 Datasheet
655Kb / 10P
1.8A, 24V, 700KHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9702 FITIPOWER-FR9702 Datasheet
753Kb / 14P
23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com