Electronic Components Datasheet Search
  English  ▼

X  

AD7225LR Datasheet(PDF) 5 Page - Analog Devices

Part # AD7225LR
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LR Datasheet(HTML) 5 Page - Analog Devices

  AD7225LR Datasheet HTML 1Page - Analog Devices AD7225LR Datasheet HTML 2Page - Analog Devices AD7225LR Datasheet HTML 3Page - Analog Devices AD7225LR Datasheet HTML 4Page - Analog Devices AD7225LR Datasheet HTML 5Page - Analog Devices AD7225LR Datasheet HTML 6Page - Analog Devices AD7225LR Datasheet HTML 7Page - Analog Devices AD7225LR Datasheet HTML 8Page - Analog Devices AD7225LR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7225
Rev. C | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD to AGND
−0.3 V, +17 V
VDD to DGND
−0.3 V, +17 V
VDD to VSS
−0.3 V, +24 V
AGND to DGND
−0.3 V, VDD
Digital Input Voltage to DGND
−0.3 V, VDD + 0.3 V
VREFx to AGND
−0.3 V, VDD + 0.3 V
VOUTx to AGND1
VSS, VDD
Power Dissipation (Any Package) to 75°C
500 mW
Derates Above 75°C by
2.0 mW/°C
Operating Temperature
Commercial (K, L Versions)
−40°C to +85°C
Industrial (B, C Versions)
−40°C to +85°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
1
Outputs can be shorted to any voltage in the range VSS to VDD provided that
the power dissipation of the package is not exceeded. Typical short-circuit
current for a short to AGND or VSS is 50 mA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com