Electronic Components Datasheet Search
  English  ▼

X  

AD7225LR Datasheet(PDF) 16 Page - Analog Devices

Part # AD7225LR
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LR Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7225LR Datasheet HTML 12Page - Analog Devices AD7225LR Datasheet HTML 13Page - Analog Devices AD7225LR Datasheet HTML 14Page - Analog Devices AD7225LR Datasheet HTML 15Page - Analog Devices AD7225LR Datasheet HTML 16Page - Analog Devices AD7225LR Datasheet HTML 17Page - Analog Devices AD7225LR Datasheet HTML 18Page - Analog Devices AD7225LR Datasheet HTML 19Page - Analog Devices AD7225LR Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7225
Rev. C | Page 16 of 24
AC REFERENCE SIGNAL
In some applications, it may be desirable to have ac reference
signals. The AD7225 has multiplying capability within the
upper (VDD − 4 V) and lower (2 V) limits of reference voltage
when operated with dual supplies. Therefore, ac signals need to
be ac-coupled and biased up before being applied to the
reference inputs. Figure 19 shows a sine wave signal applied to
VREFA. For input signal frequencies up to 50 kHz, the output
distortion typically remains less than 0.1%. The typical 3 dB
bandwidth figure for small signal inputs is 800 kHz.
*DIGITAL INPUTS OMITTED FOR CLARITY.
VDD
VSS
AGND
DGND
VOUTA
DAC A
AD7225*
VREFA
+15V
+15V
15k
Ω
10k
Ω
+4V
–4V
REFERENCE
INPUT
Figure 19. Applying an AC Signal to the AD7225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com