Electronic Components Datasheet Search
  English  ▼

X  

AD7225LR Datasheet(PDF) 9 Page - Analog Devices

Part # AD7225LR
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7225LR Datasheet HTML 5Page - Analog Devices AD7225LR Datasheet HTML 6Page - Analog Devices AD7225LR Datasheet HTML 7Page - Analog Devices AD7225LR Datasheet HTML 8Page - Analog Devices AD7225LR Datasheet HTML 9Page - Analog Devices AD7225LR Datasheet HTML 10Page - Analog Devices AD7225LR Datasheet HTML 11Page - Analog Devices AD7225LR Datasheet HTML 12Page - Analog Devices AD7225LR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7225
Rev. C | Page 9 of 24
CIRCUIT INFORMATION
DIGITAL-TO-ANALOG SECTION
The AD7225 contains four identical, 8-bit voltage mode digital-
to-analog converters. Each DAC has a separate reference input.
The output voltages from the converters have the same polarity
as the reference voltages, allowing single-supply operation. A novel
DAC switch pair arrangement on the AD7225 allows a refer-
ence voltage range from 2 V to 12.5 V on each reference input.
Each DAC consists of a highly stable, thin-film, R-2R ladder and
eight high speed NMOS, single-pole, double-throw switches. The
simplified circuit diagram for Channel A is shown in Figure 10.
Note that AGND is common to all four DACs.
VOUTA
2R
DB7
2R
DB6
2R
DB5
2R
2R
DB0
R
R
R
VREFA
AGND
SHOWN FOR ALL 1s ON DAC
Figure 10. Digital-to-Analog Simplified Circuit Diagram
The input impedance at any of the reference inputs is code
dependent and can vary from 11 kΩ minimum to infinity. The
lowest input impedance at any reference input occurs when that
DAC is loaded with Digital Code 01010101. Therefore, it is
important that the reference presents a low output impedance
under changing load conditions. The nodal capacitance at the
reference terminals is also code dependent and typically varies
from 15 pF to 35 pF.
Each VOUTx pin can be considered a digitally programmable
voltage source with an output voltage of
VOUTX = DX × VREFX
where DX is a fractional representation of the digital input code
and can vary from 0 to 255/256.
The output impedance is that of the output buffer amplifier.
OP AMP SECTION
Each voltage mode DAC output is buffered by a unity gain
noninverting CMOS amplifier. This buffer amplifier is capable
of developing 10 V across a 2 kΩ load and can drive capacitive
loads of 3300 pF.
The AD7225 can be operated single or dual supply; operating
with dual supplies results in enhanced performance in some
parameters that cannot be achieved with single-supply opera-
tion. In single-supply operation (VSS = 0 V = AGND), the sink
capability of the amplifier, which is normally 400 μA, is reduced
as the output voltage nears AGND. The full sink capability of
400 μA is maintained over the full output voltage range by tying
VSS to −5 V. This is shown in Figure 11.
Settling time for negative-going output signals approaching
AGND is similarly affected by VSS. Negative-going settling time
for single-supply operation is longer than for dual-supply opera-
tion. Positive-going settling time is not affected by VSS.
500
400
300
200
100
0
0
10
8
6
4
2
VOUT (V)
VSS = –5V
VSS = 0V
VDD = +15V
TA = 25°C
Figure 11. Variation of ISINK with VOUT
Additionally, the negative VSS gives more headroom to the
output amplifiers, which results in better zero code perfor-
mance and improved slew rate at the output than can be
obtained in the single-supply mode.
DIGITAL INPUTS SECTION
The AD7225 digital inputs are compatible with either TTL or
5 V CMOS levels. All logic inputs are static protected MOS
gates with typical input currents of less than 1 nA. Internal
input protection is achieved by an on-chip distributed diode
between DGND and each MOS gate. To minimize power supply
currents, it is recommended that the digital input voltages be
driven as close to the supply rails (VDD and DGND) as practi-
cally possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com