Electronic Components Datasheet Search
  English  ▼

X  

AD7225LRZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7225LRZ
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LRZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7225LRZ Datasheet HTML 8Page - Analog Devices AD7225LRZ Datasheet HTML 9Page - Analog Devices AD7225LRZ Datasheet HTML 10Page - Analog Devices AD7225LRZ Datasheet HTML 11Page - Analog Devices AD7225LRZ Datasheet HTML 12Page - Analog Devices AD7225LRZ Datasheet HTML 13Page - Analog Devices AD7225LRZ Datasheet HTML 14Page - Analog Devices AD7225LRZ Datasheet HTML 15Page - Analog Devices AD7225LRZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD7225
Rev. C | Page 12 of 24
SPECIFICATION RANGES
For the AD7225 to operate to rated specifications, its input
reference voltage must be at least 4 V below the VDD power
supply voltage. This voltage differential is the overhead voltage
required by the output amplifiers.
The AD7225 is specified to operate over a VDD range from 12 V
± 5% to 15 V ± 10% (that is, from 11.4 V to 16.5 V) with a VSS
of −5 V ± 10%. Operation is also specified for a single 15 V ±
5% VDD supply. Applying a VSS of −5 V results in improved zero-
code error, improved output sink capability with outputs near
AGND, and improved negative-going settling time.
Performance is specified over a wide range of reference voltages
from 2 V to (VDD − 4 V) with dual supplies. This allows a range
of standard reference generators to be used, such as the AD780,
a 2.5 V band gap reference, and the AD584, a precision 10 V
reference. Note that an output voltage range of 0 V to 10 V
requires a nominal 15 V ± 5% power supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com