Electronic Components Datasheet Search
  English  ▼

X  

AD7225LRZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD7225LRZ
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LRZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7225LRZ Datasheet HTML 14Page - Analog Devices AD7225LRZ Datasheet HTML 15Page - Analog Devices AD7225LRZ Datasheet HTML 16Page - Analog Devices AD7225LRZ Datasheet HTML 17Page - Analog Devices AD7225LRZ Datasheet HTML 18Page - Analog Devices AD7225LRZ Datasheet HTML 19Page - Analog Devices AD7225LRZ Datasheet HTML 20Page - Analog Devices AD7225LRZ Datasheet HTML 21Page - Analog Devices AD7225LRZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD7225
Rev. C | Page 18 of 24
less, there exists a good correlation with the actual performance
of the transversal filter (see Figure 23).
DIGITAL WORD MULTIPLICATION
Because each DAC of the AD7225 has a separate reference input,
the output of one DAC can be used as the reference input for
another. This means that multiplication of digital words can be
performed (with the result given in analog form). For example,
if the output from DAC A is applied to VREFB, then the output
from DAC B, VOUTB, can be expressed as:
VOUTB = DA × DB × VREFA
where DA and DB are the fractional representations of the digital
words in DAC Latch A and DAC Latch B, respectively.
If DA = DB = D, the result is D2 × VREFA.
In this manner, the four DACs can be used on their own or in
conjunction with an external summing amplifier to generate
complex waveforms. Figure 24 shows one such application.
In this case, the output waveform, Y, is represented by
Y = −(x4 + 2x3 + 3x2 + 2x + 4) × VIN
where x is the digital code that is applied to all four DAC
latches.
*DIGITAL INPUTS OMITTED FOR CLARITY.
100k
Ω
Y
VOUTA
VREFA
VOUTB
VREFB
VOUTC
VREFC
VOUTD
VREFD
VSS
AGND DGND
15V
VDD
AD7225*
VIN
100k
Ω
50k
Ω
33k
Ω
50k
Ω
25k
Ω
Figure 24. Complex Waveform Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com