Electronic Components Datasheet Search
  English  ▼

X  

AD7225LRZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD7225LRZ
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LRZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7225LRZ Datasheet HTML 16Page - Analog Devices AD7225LRZ Datasheet HTML 17Page - Analog Devices AD7225LRZ Datasheet HTML 18Page - Analog Devices AD7225LRZ Datasheet HTML 19Page - Analog Devices AD7225LRZ Datasheet HTML 20Page - Analog Devices AD7225LRZ Datasheet HTML 21Page - Analog Devices AD7225LRZ Datasheet HTML 22Page - Analog Devices AD7225LRZ Datasheet HTML 23Page - Analog Devices AD7225LRZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD7225
Rev. C | Page 20 of 24
VSS GENERATION
Operating the AD7225 from dual supplies results in enhanced
performance over single-supply operation on a number of
parameters as previously outlined. Some applications may
require this enhanced performance, but may only have a single
power supply rail available. The circuit of Figure 29 shows a
method of generating a negative voltage using one CD4049,
operated from a VDD of 15 V. Two inverters of the hex inverter
chip are used as an oscillator. The other four inverters are in
parallel and used as buffers for higher output current. The
square wave output is level translated to a negative-going signal,
then rectified and filtered. The circuit configuration shown
provides an output voltage of −5.1 V for current loadings in the
range of 0.5 mA to 9 mA. This satisfies the AD7225 ISS require-
ment over the commercial operating temperature range.
1/6
CD4049AE
1/6
CD4049AE
1/6
CD4049AE
1/6
CD4049AE
1/6
CD4049AE
1/6
CD4049AE
510k
Ω
5.1k
Ω
0.02µF
47µF
47µF
5V1
–VOUT
+
1N4001
1N4001
510
Ω
Figure 29. VSS Generation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com