Electronic Components Datasheet Search
  English  ▼

X  

MSO2002B Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # MSO2002B
Description  Mixed Signal Oscilloscopes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO2002B Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button MSO2002B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 11Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 12Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 13Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 14Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 15Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 16Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 17Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Ordering information
MSO/DPO2000B family
DPO2002B
70 MHz, 1 GS/s, 1 M record length, 2-channel digital phosphor oscilloscope
DPO2004B
70 MHz, 1 GS/s, 1 M record length, 4-channel digital phosphor oscilloscope
DPO2012B
100 MHz, 1 GS/s, 1 M record length, 2-channel digital phosphor oscilloscope
DPO2014B
100 MHz, 1 GS/s, 1 M record length, 4-channel digital phosphor oscilloscope
DPO2022B
200 MHz, 1GS/s, 1 M record length, 2-channel digital phosphor oscilloscope
DPO2024B
200 MHz, 1 GS/s, 1 M record length, 4-channel digital phosphor oscilloscope
MSO2002B
70 MHz, 1 GS/s, 1 M record length, 2+16 channel mixed-signal oscilloscope
MSO2004B
70 MHz, 1 GS/s, 1M record length, 4+16 channel mixed-signal oscilloscope
MSO2012B
100 MHz, 1 GS/s, 1M record length, 2+16 channel mixed-signal oscilloscope
MSO2014B
100 MHz, 1GS/s, 1M record length, 4+16 channel mixed-signal oscilloscope
MSO2022B
200 MHz, 1 GS/s, 1M record length, 2+16 channel mixed-signal oscilloscope
MSO2024B
200 MHz, 1 GS/s, 1 M record length, 4+16 channel mixed-signal oscilloscope
Standard accessories
Probes
TPP0200
200 MHz, 10x passive probe (one per analog channel) for 100 and 200 MHz models
TPP0100
100 MHz, 10x passive probe (one per analog channel) for 70 MHz models
P6316 (MSO models only)
16-channel logic probe and accessory kit (one per instrument)
Accessories
200-5045-xx
Front protective cover
063-4472-xx
Documentation CD
016-2008-xx
Accessory pouch
071-3078 -xx
Installation and safety manual
—
Power cord
—
OpenChoice® Desktop software
—
Calibration certificate documenting traceability to National Metrology Institute(s) and ISO9001 quality system registration
Datasheet
14 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com