Electronic Components Datasheet Search
  English  ▼

X  

MSO2002B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MSO2002B
Description  Mixed Signal Oscilloscopes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO2002B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MSO2002B Datasheet HTML 2Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 3Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 4Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 5Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 6Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 9Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Output of DAC Signal - Notice how FilterVu™ clearly shows the noise-free steps of the
DAC in the foreground trace (yellow) which has removed all frequencies above 5.5 kHz.
FilterVu also captures and displays high-frequency glitches up to the full bandwidth of the
oscilloscope in the background trace (orange).
Serial triggering analysis (optional)
On a serial bus, a single signal often includes address, control, data, and
clock information. This can make isolating events of interest difficult. The
MSO/DPO2000B Series offers a robust set of tools for debugging serial
buses with automatic trigger, decode, and search for I2C, SPI, CAN, LIN,
and RS-232/422/485/UART.
Serial triggering
Trigger on packet content such as start of packet, specific addresses,
specific data content, unique identifiers, etc. on popular serial interfaces
such as I2C, SPI, CAN, LIN, and RS-232/422/485/UART.
Triggering on a specific data packet going across an I 2 C bus. The yellow waveform is
clock and the blue waveform is data. A bus waveform provides decoded packet content
including Start, Address, Read/Write, Data, and Stop.
Bus display
Provides a higher-level, combined view of the individual signals (clock, data,
chip enable, etc.) that make up your bus, making it easy to identify where
packets begin and end and identifying subpacket components such as
address, data, identifier, CRC, etc.
Bus decoding
Tired of having to visually inspect the waveform to count clocks, determine if
each bit is a 1 or a 0, combine bits into bytes, and determine the hex value?
Let the oscilloscope do it for you! Once you've set up a bus, the MSO/
DPO2000B Series will decode each packet on the bus, and display the
value in hex, binary, decimal (LIN only), or ASCII (RS-232/422/485/UART
only) in the bus waveform.
Event table
In addition to seeing decoded packet data on the bus waveform itself, you
can view all captured packets in a tabular view much like you would see in a
software listing. Packets are time stamped and listed consecutively with
columns for each component (Address, Data, etc.).
Event table showing decoded Identifier, DLC, DATA, and CRC for every CAN packet in a
long acquisition.
Search
Serial triggering is very useful for isolating the event of interest, but once
you've captured it and need to analyze the surrounding data, what do you
do? In the past, users had to manually scroll through the waveform counting
and converting bits and looking for what caused the event. With the MSO/
DPO2000B Series, you can have the oscilloscope automatically search
through the acquired data for user-defined criteria including serial packet
content. Each occurrence is highlighted by a search mark. Rapid navigation
between marks is as simple as pressing the Previous (←) and Next (→)
buttons on the front panel.
Datasheet
6 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com