Electronic Components Datasheet Search
  English  ▼

X  

MSO2002B Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MSO2002B
Description  Mixed Signal Oscilloscopes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO2002B Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MSO2002B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 11Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 12Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 13Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 14Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 15Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 16Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 17Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Opt. L9
Korean manual
Opt. L10
Russian manual
Opt. L99
No manual
Language options include translated front-panel overlay for the selected language(s).
Service options
Opt. D1
Calibration Data Report
Recommended accessories
Probes
Tektronix offers over 100 different probes to meet your application needs. For a comprehensive listing of available probes, please visit www.tektronix.com/probes.
ADA400A
100X, 10X, 1X, 0.1X high-gain differential amplifier 6 5
P5100A
2.5 kV, 500 MHz, 100X high-voltage passive probe
TAP1500
1.5 GHz TekVPI® active voltage probe 6
TCP0020
50 MHz TekVPI® 20 Ampere AC/DC current probe 6
TCP0030
120 MHz TekVPI® 30 Ampere AC/DC current probe 6
TCP0150
20 MHz TekVPI® 150 Ampere AC/DC current probe 6
TCP2020
50 MHz TekVPI® 20 Ampere AC/DC current probe
TCPA300/400
Current measurement systems amplifier 7
TCP305
DC to 50 MHz 50 Ampere current probe for use with TCPA300
TCP404XL
DC to 2 MHz 500 Ampere current probe for use with TCPA400
TDP0500
500 MHz TekVPI® differential voltage probe with ±42 V differential input voltage 6 8
THDP0200
±1.5 kV 200 MHz high-voltage differential probe 6
THDP0100
±6 kV 100 MHz high-voltage differential probe 6
TMDP0200
±750 V 200 MHz high-voltage differential probe 6
5
Requires TPA-BNC adapter.
6
Requires TekVPI external power adapter (119-7465-00); one per oscilloscope.
7
Requires 50 Ω feed through termination between the oscilloscope input and the BNC cable.
8
Probes terminate into 50 Ω but oscilloscope will automatically adjust to account for 1 MΩ input.
Datasheet
16 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com