Electronic Components Datasheet Search
  English  ▼

X  

MP38875 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP38875
Description  15A, 16V, 800kHz Step-Down Converter with Synchronous Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38875 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP38875 Datasheet HTML 1Page - Monolithic Power Systems MP38875 Datasheet HTML 2Page - Monolithic Power Systems MP38875 Datasheet HTML 3Page - Monolithic Power Systems MP38875 Datasheet HTML 4Page - Monolithic Power Systems MP38875 Datasheet HTML 5Page - Monolithic Power Systems MP38875 Datasheet HTML 6Page - Monolithic Power Systems MP38875 Datasheet HTML 7Page - Monolithic Power Systems MP38875 Datasheet HTML 8Page - Monolithic Power Systems MP38875 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP38875 – 15A, 16V, 800kHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP38875 Rev. 0.9
www.MonolithicPower.com
3
11/20/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Power Good Delay
20
µs
Power Good Sink Current Capability
VPG
Sink 4mA
0.4
V
Power Good Leakage Current
IPG_LEAK VPG = 3.3V
10
nA
VCC Tolerance
VCC
ICC = 0mA
5.3
V
VCC Regulation
ICC = 0~20mA
5
%
Sync Frequency
FSYNC
0.3
1
MHz
SYNCIN Bias Current
ISYNCIN
10
nA
SYNCIN Logic High Voltage
2
V
SYNCIN Logic Low Voltage
0.4
V
SYNCHOUT High Level
VCC = 5V, Source
5mA
4.6
V
SYNCHOUT Low Level
VCC = 5V, Sink 5mA
0.4
V
Under Voltage Lockout Threshold Rising
3.85
4.1
4.35
V
Under Voltage Lockout Threshold Hysteresis
900
mV
EN Input Low Voltage
0.4
V
En Input High Voltage
2
V
VEN = 2V
2
EN Input Current
VEN = 0V
0.1
µA
Supply Current (Shutdown)
VEN = 0V
0.1
µA
Supply Current (Quiescent)
VEN = 2V, VFB = 1V
1.0
mA
Thermal Shutdown
150
°C
Gate Driver Sink Impedance
RSINK
1
Ω
Gate Driver Source Impedance
RSOURCE
4
Ω
Gate Drive Current Sense Trip Threshold
20
mV
Td1
From BG low to SW
high
10
ns
Gate Drive Non-Overlap Time
(see Figure 1)
(4)
Td2
From SW low to BG
high
10
ns
.
VBG
1V
Td1
Td2
1V
1V
1V
VSW
Figure 1—Gate Drive Non-Overlap Time Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com