Electronic Components Datasheet Search
  English  ▼

X  

MP38875 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP38875
Description  15A, 16V, 800kHz Step-Down Converter with Synchronous Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38875 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP38875 Datasheet HTML 1Page - Monolithic Power Systems MP38875 Datasheet HTML 2Page - Monolithic Power Systems MP38875 Datasheet HTML 3Page - Monolithic Power Systems MP38875 Datasheet HTML 4Page - Monolithic Power Systems MP38875 Datasheet HTML 5Page - Monolithic Power Systems MP38875 Datasheet HTML 6Page - Monolithic Power Systems MP38875 Datasheet HTML 7Page - Monolithic Power Systems MP38875 Datasheet HTML 8Page - Monolithic Power Systems MP38875 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP38875 – 15A, 16V, 800kHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP38875 Rev. 0.9
www.MonolithicPower.com
5
11/20/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=12V, VOUT=1.8V, L=0.72uF, TA = +25ºC, unless otherwise noted.
90
91
92
93
94
95
96
97
98
99
100
02468 10 12 14 16 18 20 22 24
LOAD CURRENT(A)
INPUT VOLTAGE (V)
11
13
15
17
19
21
23
25
0
10203040506070
DUTY CYCLE (%)
Peak Current vs.
Duty Cycle
4 5 6 7 8 9 1011121314151617
INPUT VOLTAGE(V)
20
30
40
50
60
70
80
90
100
02
46
8
10 12 14 16
IOUT (A)
99.90
99.95
100.00
100.05
100.10
4 5 6 7 8 9 1011121314151617
4.2
4.4
4.6
4.8
5
5.2
5.4
VOUT
2V/div
VIN
10V/div
VSW
10V/div
IOUT
10A/div
Vo/AC
20mV/div
I_inductor
5A/div
VOUT
2V/div
VEN
5V/div
VSW
10V/div
I_inductor
5A/div
VOUT
1V/div
VEN
5V/div
VSW
10V/div
I_inductor
10A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com