Electronic Components Datasheet Search
  English  ▼

X  

MP38875 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP38875
Description  15A, 16V, 800kHz Step-Down Converter with Synchronous Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38875 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP38875 Datasheet HTML 2Page - Monolithic Power Systems MP38875 Datasheet HTML 3Page - Monolithic Power Systems MP38875 Datasheet HTML 4Page - Monolithic Power Systems MP38875 Datasheet HTML 5Page - Monolithic Power Systems MP38875 Datasheet HTML 6Page - Monolithic Power Systems MP38875 Datasheet HTML 7Page - Monolithic Power Systems MP38875 Datasheet HTML 8Page - Monolithic Power Systems MP38875 Datasheet HTML 9Page - Monolithic Power Systems MP38875 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP38875 – 15A, 16V, 800kHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP38875 Rev. 0.9
www.MonolithicPower.com
6
11/20/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
VIN=12V, VOUT=1.8V, L=0.72uF, TA = +25ºC, unless otherwise noted.
Output Ripple
VIN=12V, VOUT=1.8V, IOUT=15A
100us/div
400us/div
1us/div
1us/div
1us/div
Two Phase Steady
State Waveform
Two Phase Transient
Response
Input Ripple
VIN=12V, VOUT=1.8V, IOUT=15A
IOUT=30A
INPUT VOLTAGE(V)
Case Temperature Rise
vs. Output Current
IOUT=3A - 15A
Enabled Supply Current
vs. Input Voltage
I_inductor
10A/div
I_inductor
10A/div
I_inductor
10A/div
I_inductor
5A/div
I_inductor
10A/div
IOUT=1A - 20A, 1A/us
Output Short Circuit
IOUT=0A
I_inductor
10A/div
8
18
28
38
48
58
68
78
88
34 56 789 10 11 1213 1415 16
OUTPUT CURRENT(A)
Vsw
10V/div
Vsw
10V/div
Vsw
10V/div
Vo
1V/div
Vo/AC
50mV/div
Vo/AC
50mV/div
Vin/AC
500mV/div
Vsw
10V/div
Vsw
10V/div
Disabled Supply Current
vs. Input Voltage
VOUT=1.2V, IOUT=0A
INPUT VOLTAGE(V)
VOUT (V)
5
7
9
11
13
15
17
1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6
975
985
995
1005
1015
1025
1035
1045
1055
1065
1075
1085
5 6 7 8 9 10 11121314151617
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
4 5 6 7 8 9 10 11121314151617
Vo=1.8V
Vo=3.3V
VIN=5V
VIN=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com