Electronic Components Datasheet Search
  English  ▼

X  

MP44011 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP44011
Description  Boundary-Mode PFC Controller with Harmonic Injection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44011 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP44011 Datasheet HTML 4Page - Monolithic Power Systems MP44011 Datasheet HTML 5Page - Monolithic Power Systems MP44011 Datasheet HTML 6Page - Monolithic Power Systems MP44011 Datasheet HTML 7Page - Monolithic Power Systems MP44011 Datasheet HTML 8Page - Monolithic Power Systems MP44011 Datasheet HTML 9Page - Monolithic Power Systems MP44011 Datasheet HTML 10Page - Monolithic Power Systems MP44011 Datasheet HTML 11Page - Monolithic Power Systems MP44011 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MP44011 – BOUNDARY-MODE PFC CONTROLLER WITH HARMONIC INJECTION
MP44011 Rev. 1.01
www.MonolithicPower.com
8
1/12/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
FB
Feedback. Connect to the output voltage through a resistor divider.
2
COMP
Error Amplifier Output. Connect a compensation network between this pin and the FB pin.
3
MULT
Multiplier Input. Connect to the rectified main voltage through a resistor divider to provide the
sinusoidal reference for the current control loop. Also senses input AC voltage and injects
constant ratio harmonics
4
CS
Current Sense. Senses the current through the MOSFET using a resistor. Provides internal
sinusoidal reference when compared with the output of the internal multiplier to determine
MOSFET’s turn-off. On-chip R/C filter reduces high-frequency noise on this pin.
5
ZCS
Current-Zero–Crossing Sense. A negative going-edge triggers the MOSFET to turn on.
6
GND
Ground.
7
GATE
Gate Driver Output. The large gate-driver current can drive the gate of the low-cost high-
power MOSFET in the system. The pin voltage is clamped to 15V in case this pin is supplied
with a high VCC.
8
VIN
Supply Voltage. Powers both the signal block and gate driver. Use a bypass capacitor from
this pin to ground to reduce the noise.
BLOCK DIAGRAM
2.5V
+
-
FB
COMP
MULT
CS
+
-
UVLO
Vref
ZCS
GATE
VIN
GND
Multiplier
+-
Overvoltage
detection
R
S Q
+
-
2.1V
1.35V
Disable
Starter
Driver
Voltage
regulator
150k
1.4pF
Harmonic injection
generation
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com