Electronic Components Datasheet Search
  English  ▼

X  

MP44011 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP44011
Description  Boundary-Mode PFC Controller with Harmonic Injection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44011 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP44011 Datasheet HTML 7Page - Monolithic Power Systems MP44011 Datasheet HTML 8Page - Monolithic Power Systems MP44011 Datasheet HTML 9Page - Monolithic Power Systems MP44011 Datasheet HTML 10Page - Monolithic Power Systems MP44011 Datasheet HTML 11Page - Monolithic Power Systems MP44011 Datasheet HTML 12Page - Monolithic Power Systems MP44011 Datasheet HTML 13Page - Monolithic Power Systems MP44011 Datasheet HTML 14Page - Monolithic Power Systems MP44011 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP44011 – BOUNDARY-MODE PFC CONTROLLER WITH HARMONIC INJECTION
MP44011 Rev. 1.01
www.MonolithicPower.com
12
1/12/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
DESIGN EXAMPLE FOR FLYBACK
PFC WITH MP44011
1. Design Specifications:
Input voltage range:
VAC=85V-265V
Typical mains frequency:
fL=50Hz
DC output voltage:
VOUT=70V
Maximum output power:
POUT=30W
Maximum 2fL output ripple:
Δ
VO=28V peak-to-peak
Minimum switching frequency:
fmin=40kHz
Harmonic injection ratio:
K2=0.75
Reflected voltage:
VR=210V
Leakage inductance overvoltage:
Δ
V=100V
Expected efficiency:
η
=85%
2. Preliminary Calculations:
Minimum Input Peak Voltage:
VPKmin=VACmin× 2 =120V
Maximum Input Peak Voltage:
VPKmax=VACmax× 2 =375V
Maximum Input Power:
PIN=POUT/η=35.3W
Peak-to-Reflected Voltage Ratio:
Kv=VPKmin/VR=0.57
Characteristic functions value:
-3
V
V
V
0.5+1.4 10
K
F2(K )=
1+0.815 K

-4
V
V
V
0.424+5.7 10 K
F3(K )=
1+0.862 K
-3
V
V
V
0.25-1.5 10
K
F4(K )=
1+1.074 K

2.1 Peak Primary Current
1in
PKp
PKmin
V
2K P
I1.51A
VF2(K )

For MP44011, the coefficient K1 is the peak
primary-current
ratio
compared
with
the
traditional CRM PFC. Here, K1=0.87.
2.2 RMS Primary Current:
V2
RMSp
PKp
F2(K K )
I=I
=0.53A
3
2.3 Peak Secondary Current:
OUT
PKs
OUT
V
V
2P
I =
=4.29A
VK F2(K )

2.4 RMS Secondary Current:
V
RMSs
PKs
F3(K )
I=I
=1.03A
3
Power Stage Design
3. Diode Bridge
The maximum input RMS current is:
in
AC _ max
AC_min
P
I0.42(A)
V

To provide a sufficient margin, select GBU406
(600V/4A).
4. Input Capacitor
By setting the coefficient r to 0.1, obtain the input
capacitance by using the equation below:
AC_max
6
in
min
AC _ min
I
C =
0.19 10 (F)
2π fr V

 
Use a 0.22μF tantalum capacitor with a 630V
voltage rating as the input capacitor to provide
high-frequency energy during switching cycle.
5. Transformer
Calculate the primary Inductance using the
following:
PKmin
2
p
2V
min
PKp
VK
L=
=1.0mH
(1+K K ) f
I




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com