Electronic Components Datasheet Search
  English  ▼

X  

MP44011HS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP44011HS
Description  Boundary-Mode PFC Controller with Harmonic Injection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44011HS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP44011HS Datasheet HTML 1Page - Monolithic Power Systems MP44011HS Datasheet HTML 2Page - Monolithic Power Systems MP44011HS Datasheet HTML 3Page - Monolithic Power Systems MP44011HS Datasheet HTML 4Page - Monolithic Power Systems MP44011HS Datasheet HTML 5Page - Monolithic Power Systems MP44011HS Datasheet HTML 6Page - Monolithic Power Systems MP44011HS Datasheet HTML 7Page - Monolithic Power Systems MP44011HS Datasheet HTML 8Page - Monolithic Power Systems MP44011HS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP44011 – BOUNDARY-MODE PFC CONTROLLER WITH HARMONIC INJECTION
MP44011 Rev. 1.01
www.MonolithicPower.com
2
1/12/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Junction Temperature (TJ)
MP44011HS*
SOIC8
MP44011
-40°C to +125°C
* For Tape & Reel, add suffix –Z (e.g. MP44011HS–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP44011HS–LF–Z).
PACKAGE REFERENCE
FB
COMP
MULT
CS
VIN
GATE
GND
ZCS
1
2
3
4
8
7
6
5
TOP VIEW
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage (VIN)......................-0.5V to +23V
Analog Inputs and Outputs ..........-0.3V to +6.5V
ZCS Maximum Current ............-50mA to +10mA
Power Dissipation (TA=25°C)
(2)
SOIC8 ........................................................ 1.4W
Junction Temperature……………………..150°C
Lead Temperature (Solder).......................260°C
Storage Temperature............... -55°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage (VIN).......................13.4V to 22V
Analog Inputs and Outputs .............-0.3V to +6V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8 .....................................90 ...... 45 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by D(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com