Electronic Components Datasheet Search
  English  ▼

X  

MP44011HS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP44011HS
Description  Boundary-Mode PFC Controller with Harmonic Injection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44011HS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP44011HS Datasheet HTML 7Page - Monolithic Power Systems MP44011HS Datasheet HTML 8Page - Monolithic Power Systems MP44011HS Datasheet HTML 9Page - Monolithic Power Systems MP44011HS Datasheet HTML 10Page - Monolithic Power Systems MP44011HS Datasheet HTML 11Page - Monolithic Power Systems MP44011HS Datasheet HTML 12Page - Monolithic Power Systems MP44011HS Datasheet HTML 13Page - Monolithic Power Systems MP44011HS Datasheet HTML 14Page - Monolithic Power Systems MP44011HS Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MP44011 – BOUNDARY-MODE PFC CONTROLLER WITH HARMONIC INJECTION
MP44011 Rev. 1.01
www.MonolithicPower.com
14
1/12/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Vac
R10
U1
GATE
FB
CS
GND
COMP
ZCS
VIN
MULT
MP44011
T1
D1
GBU406
R9
D3
R1
R2
C2
R11
Feedback
Network
C1
R3
D2
R4
R5
R6
R7
R8
C4
C5
C6
47uF
C3
D1
UF3004
DC/DC
MP4689
EMI Filter
DC/DC
MP4689
Q1
FQPF8N80C
0.22uF
0.4
Ω
Figure 8: Design Example of 30W LED Lighting with MP44011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com