Electronic Components Datasheet Search
  English  ▼

X  

MP44011HS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP44011HS
Description  Boundary-Mode PFC Controller with Harmonic Injection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44011HS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP44011HS Datasheet HTML 1Page - Monolithic Power Systems MP44011HS Datasheet HTML 2Page - Monolithic Power Systems MP44011HS Datasheet HTML 3Page - Monolithic Power Systems MP44011HS Datasheet HTML 4Page - Monolithic Power Systems MP44011HS Datasheet HTML 5Page - Monolithic Power Systems MP44011HS Datasheet HTML 6Page - Monolithic Power Systems MP44011HS Datasheet HTML 7Page - Monolithic Power Systems MP44011HS Datasheet HTML 8Page - Monolithic Power Systems MP44011HS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP44011
Boundary-Mode PFC Controller
with Harmonic Injection
MP44011 Rev. 1.01
www.MonolithicPower.com
1
1/12/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP44011 is a boundary-conduction–mode
PFC controller with an internal-harmonic–
injection function. It provides simple and high-
performance active power-factor correction with
minimal external components.
Compared
against
traditional
boundary-
conduction–mode
PFC
controllers,
the
harmonic-injection function makes the part
suitable for LED lighting applications.
In LED lighting applications with two-stage
structures, the harmonic-injection function can
effectively reduce bus capacitance between the
AC/DC and the DC/DC stage. In addition,
harmonic injection can reduce the transformer
size to save board space and BOM cost.
Also, the benefits of a harmonic-injection
function also apply to general boost or flyback
PFC applications.
The MP44011 is derived from the MP44010,
except with a harmonic-injection function.
The MP44011 is available in an 8-pin SOIC
package.
FEATURES
 Boundary-Conduction–Mode PFC Controller
for Pre-Regulation
 Reduced Bus Capacitance
 Reduced Transformer Size
 Internal Harmonic-Injection Function
 Precise Adjustable-Output Over-Voltage
Protection
 Ultra-Low Start-Up Current
 Very Low Quiescent Current
 On-Chip Filter for Current-Sense Pin
 Disable Function
 Available in SOIC-8
APPLICATIONS
 LED Lighting Driver
 General PFC Pre-Regulators
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
Patents pending.
TYPICAL APPLICATION
VAC
R10
U1
GATE
FB
CS
GND
COMP
ZCS
VIN
MULT
MP44011
T1
D1
R9
D3
R1
R2
C2
R11
Feedback
Network
Vbus
C1
R3
D2
R4
R5
R6
R7
R8
C4
C5
C6
C3
D1
DC/DC
Q1


Similar Part No. - MP44011HS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4401 TOSHIBA-MP4401 Datasheet
339Kb / 7P
HIGH POWER, HIGH SPEED SWITCHING APPLICATIONS / HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING
24-May-2001
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
Boundary Mode PFC Controller
MP44010HP MPS-MP44010HP Datasheet
416Kb / 14P
Boundary Mode PFC Controller
MP44010HS MPS-MP44010HS Datasheet
416Kb / 14P
Boundary Mode PFC Controller
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
Boundary Mode PFC Controller
More results

Similar Description - MP44011HS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
663Kb / 13P
Boundary Mode PFC Controller
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
Boundary Conduction Mode Power Factor Correction (PFC)
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
Single-Stage Flyback and Boundary-Mode PFC
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
Boundary Mode PFC Controller
logo
ON Semiconductor
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
logo
Monolithic Power System...
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
Boundary Mode PFC Controller
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
Boundary Mode PFC Controller
logo
ON Semiconductor
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com