Electronic Components Datasheet Search
  English  ▼

X  

A621 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A621
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A621 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A621 Datasheet HTML 1Page - List of Unclassifed Manufacturers A621 Datasheet HTML 2Page - List of Unclassifed Manufacturers A621 Datasheet HTML 3Page - List of Unclassifed Manufacturers A621 Datasheet HTML 4Page - List of Unclassifed Manufacturers A621 Datasheet HTML 5Page - List of Unclassifed Manufacturers A621 Datasheet HTML 6Page - List of Unclassifed Manufacturers A621 Datasheet HTML 7Page - List of Unclassifed Manufacturers A621 Datasheet HTML 8Page - List of Unclassifed Manufacturers A621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Limit test
Limit test provides a quick Pass/Fail comparison of any triggered input signal to a user-
defined template
The oscilloscope can automatically monitor source signals and output Pass
or Fail results by judging whether the input waveform is within predefined
boundaries. Specific actions can be triggered on violation including
stopping waveform acquisition, stopping Limit Test functions, saving the
failed waveform data or screen image to a USB memory device, or any
combination of the above. This is an ideal solution for manufacturing or
service applications where you need to make decisions quickly.
Flexible data transfer
Data logging enables automatic saving of triggered waveforms
The USB host port on the front panel enables you to save your instrument
settings, screenshots, and waveform data in a flash. The built-in Data
Logging feature means you can set up your oscilloscope to save user-
specified triggered waveforms to a USB memory device for up to 24 hours.
You can also select the "Infinite" option for continuous waveform
monitoring. With this mode you can save your triggered waveforms to an
external USB memory device without a duration limitation until the memory
device is full. The oscilloscope will then guide you to insert another USB
memory device to continue saving waveforms.
Easy PC connectivity
Easily capture, save, and analyze measurements results by connecting to
your PC with the rear-panel USB device port and the included copy of
OpenChoice PC Communications Software. Simply pull screen images and
waveform data into the stand-alone desktop application or directly into
Microsoft Word and Excel. Alternatively, if you prefer not to use your PC,
you can simply print your image directly to any PictBridge-compatible
printer.
Easily capture, save and analyze measurement results with OpenChoice™ PC
communications software
Performance you can count on
In addition to industry-leading service and support, every TBS1000 series
oscilloscope comes backed with a 5-year warranty as standard.
TBS1000 Digital Storage Oscilloscopes
www.tektronix.com 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com